Electronic Components Datasheet Search
  English  ▼

X  

2SC2462 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2462
Description  Silicon NPN Epitaxial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2462 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2462 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2462 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon NPN Epitaxial
2SC2462
Features
Low frequency amplifier.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC = 10ìA , IE =0
50
V
Collector-emitter breakdown voltage
VCEO
IC =1mA ,RBE =
40
V
Emitter-base breakdown voltage
VEBO
IE = 10ìA , IC =0
5
V
Base-emitter voltage
VBE
VCE = 12V , IC = 2mA
0.75
V
Collector cutoff current
ICBO
VCB = 30V, IE=0
0.5
A
Emitter cutoff current
IEBO
VEB =2V, IC=0
0.5
A
DC current gain
hFE
VCE = 12V , IC = 2mA
100
500
Collector-emitter saturation voltage
VCE(sat) IC = 10mA , IB =1mA
0.2
V
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
5V
Collector current
IC
100
mA
Collector dissipation
PC
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
hFE Classification
Marking
LB
LC
LD
Rank
B
C
D
hFE
100
200
160
320
250
500


Similar Part No. - 2SC2462

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2462 HITACHI-2SC2462 Datasheet
24Kb / 5P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC2462 RENESAS-2SC2462 Datasheet
172Kb / 7P
Silicon NPN Epitaxial
2SC2462LBTL-E RENESAS-2SC2462LBTL-E Datasheet
172Kb / 7P
Silicon NPN Epitaxial
2SC2462LCTL-E RENESAS-2SC2462LCTL-E Datasheet
172Kb / 7P
Silicon NPN Epitaxial
2SC2462LDTL-E RENESAS-2SC2462LDTL-E Datasheet
172Kb / 7P
Silicon NPN Epitaxial
More results

Similar Description - 2SC2462

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com