Electronic Components Datasheet Search
  English  ▼

X  

BAV201 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV201
Description  Silicon Epitaxial Planar Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV201 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV201 Datasheet HTML 1Page - Vishay Siliconix BAV201 Datasheet HTML 2Page - Vishay Siliconix BAV201 Datasheet HTML 3Page - Vishay Siliconix BAV201 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV200...BAV203
Vishay Telefunken
Rev. 3, 01-Apr-99
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85544
Silicon Epitaxial Planar Diodes
Applications
General purposes
96 12009
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Peak reverse voltage
BAV200
VRRM
60
V
g
BAV201
VRRM
120
V
BAV202
VRRM
200
V
BAV203
VRRM
250
V
Reverse voltage
BAV200
VR
50
V
g
BAV201
VR
100
V
BAV202
VR
150
V
BAV203
VR
200
V
Forward current
IF
250
mA
Peak forward surge current
tp=1s, Tj=25°C
IFSM
1
A
Forward peak current
f=50Hz
IFM
625
mA
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mmx50mmx1.6mm
RthJA
500
K/W


Similar Part No. - BAV201

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV201 TRSYS-BAV201 Datasheet
138Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Pan Jit International I...
BAV201 PANJIT-BAV201 Datasheet
60Kb / 2P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
logo
GOOD-ARK Electronics
BAV201 GOOD-ARK-BAV201 Datasheet
106Kb / 2P
Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV201 SEMTECH_ELEC-BAV201 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Pan Jit International I...
BAV201 PANJIT-BAV201 Datasheet
87Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - BAV201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com