Electronic Components Datasheet Search
  English  ▼

X  

BAW56 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAW56
Description  Dual Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW56 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAW56 Datasheet HTML 1Page - Vishay Siliconix BAW56 Datasheet HTML 2Page - Vishay Siliconix BAW56 Datasheet HTML 3Page - Vishay Siliconix BAW56 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAW56
Vishay Telefunken
Rev. 2, 17-Mar-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85549
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1mA
VF
715
mV
g
IF=10mA
VF
855
mV
IF=50mA
VF
1
V
IF=150mA
VF
1.25
V
Reverse current
VR=70V
IR
2.5
mA
VR=70V, Tj=150°C
IR
50
mA
VR=25V, Tj=150°C
IR
30
mA
Diode capacitance
VR=0, f=1MHz
CD
1.5
pF
Reverse recovery time
IF=10mA to IR=1mA, VR=6V, RL=100W
trr
6
ns
Characteristics (Tj = 25_C unless otherwise specified)
0.01
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
14356
Tj =25°C
Tj = 100°C
Figure 1. Forward Current vs. Forward Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com