Electronic Components Datasheet Search
  English  ▼

X  

2SC3838K Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3838K
Description  High-Frequency Amplifier Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3838K Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3838K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
www.kexin.com.cn
High-Frequency Amplifier Transistor
2SC3838K
Features
High transition frequency. (Typ. fT= 1.5GHz)
Small rbb'.Cc and high gain. (Typ. 4ps)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
11
V
Emitter-base voltage
VEBO
3V
Collector current
IC
50
mA
Collector power dissipation
PC
0.2
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
hFE Classification
Marking
ADN
ADP
Rank
N
P
hFE
56 to 120
82 to 180
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
VCBO
IC=10
A
20
V
Collector-emitter voltage
VCEO
IC=1mA
11
V
Emitter-base voltage
VEBO
IE=10
A
3V
Collector cutoff current
ICBO
VCB=10V
0.5
A
Emitter cutoff current
IEBO
VEB=2V
0.5
A
Collector-emitter saturation voltage
VCE(sat) IC=10mA,IB=5mA
0.5
V
DC current gain
hFE
VCE=10V,IC=5mA
56
180
Collector-base time constant
rbb'.Cc
VCB = 10V , IC = 10mA , f = 31.8MHz
4
12
ps
Noise factor
NF
VCE =6V,IC = 2mA , f = 500MHz , Rg = 50Ù
3.5
dB
Output capacitance
Cob
VCE=10V, IE=0A, f=1MHz
0.8
1.5
pF
Transition frequency
fT
VCE=10V, IE=10mA, f=500MHz
1.4
3.2
GHz


Similar Part No. - 2SC3838K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3838K ROHM-2SC3838K Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC3838K ROHM-2SC3838K Datasheet
74Kb / 3P
High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC3838K ROHM-2SC3838K Datasheet
153Kb / 3P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
SHENZHEN YONGERJIA INDU...
2SC3838K WINNERJOIN-2SC3838K Datasheet
129Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC3838K FOSHAN-2SC3838K Datasheet
924Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3838K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SC2058 SEMTECH_ELEC-ST2SC2058 Datasheet
138Kb / 2P
High-frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G Datasheet
151Kb / 4P
High-Frequency Amplifier Transistor
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
High-Frequency Amplifier Transistor
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
High-Frequency Amplifier Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com