Electronic Components Datasheet Search
  English  ▼

X  

BAW76 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAW76
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAW76 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAW76 Datasheet HTML 1Page - Vishay Siliconix BAW76 Datasheet HTML 2Page - Vishay Siliconix BAW76 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAW76
Vishay Telefunken
Rev. 2, 01-Apr-99
1 (3)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85551
Silicon Epitaxial Planar Diode
Applications
Extreme fast switches
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
75
V
Reverse voltage
VR
50
V
Peak forward surge current
tp=1ms
IFSM
2000
mA
Repetitive peak forward current
IFRM
450
mA
Forward current
IF
300
mA
Average forward current
VR=0
IFAV
150
mA
Power dissipation
l=4mm, TL=45°C
PV
440
mW
l=4mm, TLx25°C
PV
500
mW
Junction temperature
Tj
200
°C
Storage temperature range
Tstg
–65...+200
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
350
K/W


Similar Part No. - BAW76

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAW76 FAIRCHILD-BAW76 Datasheet
33Kb / 1P
High Speed Computer Diodes
logo
General Semiconductor
BAW76 GE-BAW76 Datasheet
173Kb / 4P
Small-Signal Diodes
logo
Fairchild Semiconductor
BAW76 FAIRCHILD-BAW76 Datasheet
29Kb / 2P
BAW76
logo
GOOD-ARK Electronics
BAW76 GOOD-ARK-BAW76 Datasheet
167Kb / 4P
Small-Signal Diode
logo
SynSemi, Inc.
BAW76 SYNSEMI-BAW76 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
More results

Similar Description - BAW76

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com