Electronic Components Datasheet Search
  English  ▼

X  

AMS1117 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AMS1117
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AMS1117 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  AMS1117 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AMS1117 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
Electrical Characteristics Ta = 25
Testconditons
Min
Typ
Max
Unit
Reference Voltage
TJ=25
,(VIN-OUT)=1.5V,IO=10mA
1.225
1.250
1.275
V
AMS1117-1.5
IOUT = 10mA, TJ =25
,3V
VIN
12V
1.470
1.500
1.530
V
AMS1117-1.8
IOUT = 10mA, TJ =25
,3.3V
VIN
12V
1.764
1.800
1.836
V
AMS1117-1.9
IOUT = 10mA, TJ =25
,3.3V
VIN
12V
1.862
1.900
1.938
V
AMS1117-2.5
IOUT = 10mA, TJ =25
,4V
VIN
12V
2.450
2.500
2.550
V
AMS1117-3.3
IOUT = 10mA, TJ =25
,4.8V
VIN
12V
3.235
3.300
3.365
V
AMS1117-5.0
IOUT = 10mA, TJ =25
,6.5V
VIN
12V
4.900
5.000
5.100
V
Line Regulation
IO=10mA,VOUT+1.5V
VIN
12V, TJ=25
0.2
%
AMS1117-ADJ VIN=3.3V,Vadj=0,0mA
Io
1A,TJ=25
1%
AMS1117-1.5
VIN=3V,0mA
Io
1A,TJ=25
12
15
mV
AMS1117-1.8
VIN=3.3V,0mA
Io
1A,TJ=25
15
18
mV
AMS1117-1.9
VIN=3.3V,0mA
Io
1A,TJ=25
16
19
mV
AMS1117-2.5
VIN=4V,0mA
Io
1A,TJ=25
20
25
mV
AMS1117-3.3
VIN=5V,0mA
Io
1A,TJ=25
26
33
mV
AMS1117-5.0
VIN=8V,0mA
Io
1A,TJ=25
40
50
mV
Dropout Voltage (VIN-VOUT
AMS1117-XXX IOUT =1A,
VOUT=0.1%VOUT
1.3
1.4
V
Current Limit
IN
-VOUT) = 5V
1. 1
A
Minimum Load Current
0
Tj
125
510
mA
TA=25
, 30ms pulse
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=1A
AMS1117-XXX
IN
=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
Parameter
Output Voltage
Ripple Rejection
Load Regulation
Thermal Regulation
SMD Type
IC
SMD Type
Integrate Circuit
1A Low Dropout Positive Adjustable
or Fixed-Mode Regulator
Typical Applications
AMS1117-3.3
AMS1117-XXX
AMS1117
AMS1117-ADJ
AMS1117-XXX
)
(V
AMS1117-XXX
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com