Electronic Components Datasheet Search
  English  ▼

X  

BF970 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BF970
Description  Silicon PNP Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF970 Datasheet(HTML) 2 Page - Vishay Siliconix

  BF970 Datasheet HTML 1Page - Vishay Siliconix BF970 Datasheet HTML 2Page - Vishay Siliconix BF970 Datasheet HTML 3Page - Vishay Siliconix BF970 Datasheet HTML 4Page - Vishay Siliconix BF970 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BF970
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (5)
Document Number 85005
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Collector cut-off current
–VCE = 40 V, VBE = 0
–ICES
100
mA
Collector-base cut-off current
–VCB = 20 V, IE = 0
–ICBO
100
nA
Emitter-base cut-off current
–VEB = 2 V, IC = 0
–IEBO
10
mA
Collector-emitter breakdown voltage –IC = 1 mA, IB = 0
–V(BR)CEO
35
V
DC forward current transfer ratio
–VCE = 10 V, –IC = 3 mA
hFE
25
50
90
Electrical AC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Sym-
bol
Min
Typ
Max
Unit
Transition frequency
–VCE = 10 V, –IC = 3 mA, f = 300 MHz
fT
1000
MHz
Collector-base capacitance
–VCB = 10 V, f = 1 MHz
Ccb
0.4
pF
Noise figure
–VCE = 10 V, –IC = 3 mA, ZS = 50 W,
f = 800 MHz
F
4.2
5.0
dB
Power gain
–VCE = 10 V, –IC = 3 mA, ZL = 500 W,
f = 800 MHz
Gpb
13
14.5
dB
Collector current for Gpbmax –VCE = 10 V, ZL = 500 W, f = 800 MHz
–IC
5
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com