Electronic Components Datasheet Search
  English  ▼

X  

LBGC Datasheet(PDF) 12 Page - Linear Technology

Part # LBGC
Description  Boost and Inverting DC/DC Converter for CCD Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LBGC Datasheet(HTML) 12 Page - Linear Technology

Back Button LBGC Datasheet HTML 4Page - Linear Technology LBGC Datasheet HTML 5Page - Linear Technology LBGC Datasheet HTML 6Page - Linear Technology LBGC Datasheet HTML 7Page - Linear Technology LBGC Datasheet HTML 8Page - Linear Technology LBGC Datasheet HTML 9Page - Linear Technology LBGC Datasheet HTML 10Page - Linear Technology LBGC Datasheet HTML 11Page - Linear Technology LBGC Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT3472
12
3472f
PART NUMBER
DESCRIPTION
COMMENTS
LT1611
550mA (ISW), 1.4MHz, High Efficiency Micropower
VIN: 1.1V to 10V, VOUT(MAX) = –34V, IQ = 3mA, ISD <1µA,
Inverting DC/DC Converter
ThinSOT Package
LT1615/LT1615-1
300mA/80mA (ISW), High Efficiency
VIN: 1V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD <1µA,
Step-Up DC/DC Converter
ThinSOT Package
LT1617/LT1617-1
350mA/100mA (ISW), High Efficiency Micropower
VIN: 1.2V to 15V, VOUT(MAX) = –34V, IQ = 20µA, ISD <1µA,
Inverting DC/DC Converter
ThinSOT Package
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz, High Efficiency
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD <1µA,
Step-Up DC/DC Converter
ThinSOT Package
LT1931/LT1931A
1A (ISW), 1.2MHz/2.2MHz, High Efficiency Micropower
VIN: 2.6V to 16V, VOUT(MAX) = –34V, IQ = 5.8mA, ISD <1µA,
Inverting DC/DC Converter
ThinSOT Package
LT1944/LT1944-1
Dual Output, 350mA/100mA (ISW), Constant
VIN: 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD <1µA,
Off-Time, High Efficiency Step-Up DC/DC Converter
MS10 Package
LT1945(Dual)
Dual Output, Boost/Inverter, 350mA (ISW), Constant
VIN: 1.2V to 15V, VOUT(MAX) = ±34V, IQ = 40µA, ISD <1µA,
Off-Time, High Efficiency Step-Up DC/DC Converter
MS10 Package
LT1946/LT1946A
1.5A (ISW), 1.2MHz/2.7MHz, High Efficiency
VIN: 2.45V to 16V, VOUT(MAX) = 34V, IQ = 3.2mA, ISD <1µA,
Step-Up DC/DC Converter
MS8 Package
LT3461/LT3461A
0.3A (ISW), Inverting 1.3MHz/3MHz High Efficiency
VIN: 2.5V to 16V, VOUT(MAX) = 38V, IQ = 2.8mA, ISD <1µA,
Step-Up DC/DC Converter with Integrated Schottky Diodes
ThinSOT Package
LT3462/LT3462A
300mA (ISW), Inverting 1.2MHz/2.7MHz DC/DC Converter
VIN: 2.5V to 16V, VOUT(MAX) = –38V, IQ = 2.9mA, ISD <10µA,
with Integrated Schottky Diodes
ThinSOT Package
LT3463/LT3463A
Dual Output, Boost/Inverter, 250mA (ISW), Constant
VIN: 2.3V to 15V, VOUT(MAX) = 40V, IQ = 40µA, ISD <1µA,
Off-Time, High Efficiency Step-Up DC/DC Converter
DFN Package
with Integrated Schottkys
LT3464
85mA (ISW), High Efficiency Step-Up DC/DC Converter
VIN: 2.3V to 10V, VOUT(MAX) = 34V, IQ = 25µA, ISD <1µA,
with Integrated Schottky and PNP Disconnect
ThinSOT Package
LT3467/LT3467A
1.1A, 1.3MHz/2.1MHz Step-Up DC/DC Converter with
VIN: 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1mA, ISD <1µA,
Integrated Soft-Start in ThinSOT
ThinSOT Package
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0804 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
SWP
VIN
SWN
SSP
GND
SSN
VPOS
FBP
SHDN
DN
FBN
LT3472
2.2µF
2.2µF
2.2µF
100nF
47µH
100nF
550k
320k
1µF
22µH47µH
SHDN
VIN
3V TO 4.2V
VPOS
15V
20mA
VNEG
–8V
50mA
3472 TA03
4.7pF
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com