Electronic Components Datasheet Search
  English  ▼

X  

LT3501 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3501
Description  Monolithic Dual Tracking 3A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3501 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3501 Datasheet HTML 18Page - Linear Technology LT3501 Datasheet HTML 19Page - Linear Technology LT3501 Datasheet HTML 20Page - Linear Technology LT3501 Datasheet HTML 21Page - Linear Technology LT3501 Datasheet HTML 22Page - Linear Technology LT3501 Datasheet HTML 23Page - Linear Technology LT3501 Datasheet HTML 24Page - Linear Technology LT3501 Datasheet HTML 25Page - Linear Technology LT3501 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3501
22
3501fb
inductor size by allowing an increase in frequency. A dual
step down application (Figure 10) steps down the input
voltage (VIN1) to the highest output voltage then uses that
voltage to power the second output (VIN2). VOUT1 must be
able to provide enough current for its output plus VOUT2
maximum load. Note that the VOUT1 must be above VIN2
minimum input voltage (2V) when the second channel
starts to switch. Delaying channel 2 can be accomplished
by either independent soft-start capacitors or sequencing
with the PG1 output.
For example, assume a maximum input of 24V:
VIN = 24V, VOUT1 = 5V at 1.5A and VOUT2 = 1.2V at 1.5A
Frequency Hz
VV
VV
V
t
L
V
OUT
D
IN
SW
D
MIN ON
()
–
()
≤
+
+
≥
IIN
OUT
OUT
IN
VV
Vf
–•
•
()
Figure 10. 5V and 1.2V 2-Stage Step-Down Converter with Output Sequencing
Single Step Down:
Frequency Hz
ns
kH
()
..
–.
.
≤
+
+
=
12 06
24 04 06
190
392
zz
L
kHz
H
L
1
24 5
5
24 392
10
2
24 12
12
2
= ()
≥
= ()
–•
•
–.
• .
µ
4
4 392
27
•
.
kHz
H
≥µ
2-Stage Step-Down:
Frequency
ns
MHz
Max Fr
≤
+
+
=
50 6
24 04 06
190
12
.
–.
.
.
eequency
MHz
L
MHz
H
L
=
= ()
≥
12
1
24 5
5
24 1 2
33
2
.
–•
•.
.
µ
== ()
≥
51 2
1 2
51 2
076
–.
• .
•.
.
MHz
H
µ
SHDN
4.7
µF
47
µF
42.3k
100k
26.7k
PMEG4005
8.06k
PMEG4005
10pF
470pF
3.3
µH
1
µH
VOUT1
5V
VOUT2
1.2V
VIN
6V TO 24V
0.47
µF
47
µF
×2
0.47
µF
10pF
B360A
B360A
VIN1
VIN2
LT3501
GND
BST1
SW1
IND1
VOUT1
PG1
FB1
VC1
SS/TRACK1
FSET
BST2
SW2
IND2
VOUT2
PG2
FB2
VC2
SS/TRACK2
40.2k
4k
8.06k
3501 F10
32.4k
0.1
µF
0.1
µF
470pF
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com