Electronic Components Datasheet Search
  English  ▼

X  

LT3501EFE Datasheet(PDF) 1 Page - Linear Technology

Part # LT3501EFE
Description  Monolithic Dual Tracking 3A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3501EFE Datasheet(HTML) 1 Page - Linear Technology

  LT3501EFE Datasheet HTML 1Page - Linear Technology LT3501EFE Datasheet HTML 2Page - Linear Technology LT3501EFE Datasheet HTML 3Page - Linear Technology LT3501EFE Datasheet HTML 4Page - Linear Technology LT3501EFE Datasheet HTML 5Page - Linear Technology LT3501EFE Datasheet HTML 6Page - Linear Technology LT3501EFE Datasheet HTML 7Page - Linear Technology LT3501EFE Datasheet HTML 8Page - Linear Technology LT3501EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3501
1
3501fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Monolithic Dual Tracking
3A Step-Down Switching
Regulator
The LT®3501 is a dual current mode PWM step-down
DC/DC converter with two internal 3.5A switches. Inde-
pendent input voltage, feedback, soft-start and power
good pins for each channel simplify complex power
supply tracking/sequencing requirements.
Both converters are synchronized to either a common
external clock input or a resistor programmable fixed
250kHz to 1.5MHz internal oscillator. At all frequencies, a
180° phase relationship between channels is maintained,
reducing voltage ripple and component size. Programmable
frequency allows for optimization between efficiency and
external component size.
Minimum input-to-output voltage ratios are improved
by allowing the switch to stay on through multiple clock
cycles, only switching off when the boost capacitor needs
recharging, resulting in ~95% maximum duty cycle.
Each output can be independently disabled using its own
soft-start pin, or by using the SHDN pin the entire part can
be placed in a low quiescent current shutdown mode.
The LT3501 is available in a 20-lead TSSOP package with
exposed leadframe for low thermal resistance.
■
DSP Power Supplies
■
Disc Drives
■
DSL/Cable Modems
■
Wall Transformer Regulation
■
Distributed Power Regulation
■
Wide Input Range: 3.1V to 25V
■
Two Switching Regulators with 3A Output Capability
■
Independent Supply to Each Regulator
■
Adjustable/Synchronizable Fixed Frequency
Operation from 250kHz to 1.5MHz
■
Antiphase Switching
■
Outputs Can be Paralleled
■
Independent, Sequential, Ratiometric or Absolute
Tracking Between Outputs
■
Independent Soft-Start and Power Good Pins
■
Enhanced Short-Circuit Protection
■
Low Dropout: 95% Maximum Duty Cycle
■
Low Shutdown Current: <10µA
■
20-Lead TSSOP Package with Exposed Leadframe
3.3V and 1.8V Dual 3A Step-Down Converter with Output Tracking
, LT, LTC, and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
SHDN
4.7
µF
47
µF
24.9k
61.9k
8.06k
470pF
10pF
47pF
40.2k
4.7
µH
3.3
µH
VOUT1
3.3V
3A
VOUT2
1.8V
3A
VIN
12V
0.47
µF
B360A
B360A
100
µF
0.47
µF
PMEG4005
PMEG4005
VIN1
VIN2
LT3501
GND
BST1
SW1
IND1
VOUT1
PG1
FB1
VC1
SS/TRACK1
RT/SYNC
BST2
SW2
IND2
VOUT2
PG2
FB2
VC2
SS/TRACK2
10k
8.06k
3501 TA01a
0.1
µF
470pF
40.2k
LOAD CURRENT (A)
0
0
20
40
60
0.5
1
1.5
2
3501 TA01b
2.5
80
100
10
30
50
70
90
3
VOUT1 = 5V
VOUT1 = 3.3V
VOUT1 = 2.5V
VOUT1 = 1.8V
VIN = 12V
IOUT2 = 0A
FREQUENCY = 500kHz
Efficiency


Similar Part No. - LT3501EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3501 LINER-LT3501 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LT3501 LINER-LT3501 Datasheet
445Kb / 30P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
More results

Similar Description - LT3501EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com