Electronic Components Datasheet Search
  English  ▼

X  

LT3502 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3502
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3502 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3502 Datasheet HTML 9Page - Linear Technology LT3502 Datasheet HTML 10Page - Linear Technology LT3502 Datasheet HTML 11Page - Linear Technology LT3502 Datasheet HTML 12Page - Linear Technology LT3502 Datasheet HTML 13Page - Linear Technology LT3502 Datasheet HTML 14Page - Linear Technology LT3502 Datasheet HTML 15Page - Linear Technology LT3502 Datasheet HTML 16Page - Linear Technology LT3502 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3502/LT3502A
13
3502fc
Table 2
VENDOR
PHONE
URL
PART SERIES
COMMENTS
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494,T495
Sanyo
(408)794-9714
www.sanyovideo.com
Ceramic
Polymer,
Tantalum
POSCAP
Murata
(404) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic
APPLICATIONS INFORMATION
For small size, the output capacitor can be chosen
according to:
COUT =
25
VOUT
where COUT is in μF. However, using an output capacitor
this small results in an increased loop crossover frequency
and increased sensitivity to noise.
High performance electrolytic capacitors can be used for
the output capacitor. Low ESR is important, so choose
one that is intended for use in switching regulators. The
ESR should be specified by the supplier and should be
0.1Ω or less. Such a capacitor will be larger than a ceramic
capacitor and will have a larger capacitance, because the
capacitor must be large to achieve low ESR. Table 2 lists
several capacitor vendors.
Figure 4 shows the transient response of the LT3502A with
several output capacitor choices. The output is 3.3V. The
load current is stepped from 150mA to 400mA and back to
150mA,andtheoscilloscopetracesshowtheoutputvoltage.
The upper photo shows the recommended value. The sec-
ond photo shows the improved response (less voltage drop)
resulting from a larger output capacitor and a phase lead
capacitor. The last photo shows the response to a high
performance electrolytic capacitor. Transient performance
is improved due to the large output capacitance.
BOOST Pin Considerations
Capacitor C3 and the internal boost diode are used to
generate a boost voltage that is higher than the input
voltage. In most cases a 0.1μF capacitor will work well.
Figure 5 shows two ways to arrange the boost circuit. The
BOOST pin must be at least 2.2V above the SW pin for
best efficiency. For outputs of 3V and above, the standard
circuit (Figure 5a) is best. For outputs less than 3V and
above 2.5V, place a discrete Schottky diode (such as the
BAT54) in parallel with the internal diode to reduce VD. The
following equations can be used to calculate and minimize
boost capacitance in μF:
0.012/(VBD + VCATCH – VD – 2.2) for the LT3502A
0.030/(VBD + VCATCH – VD– 2.2) for the LT3502
VD is the forward drop of the boost diode, and VCATCH is
the forward drop of the catch diode (D1).
For lower output voltages the BD pin can be tied to an
external voltage source with adequate local bypassing
(Figure 5b). The above equations still apply for calculating
the optimal boost capacitor for the chosen BD voltage.
The absence of BD voltage during startup will increase
minimum voltage to start and reduce efficiency. You must
also be sure that the maximum voltage rating of BOOST
pin is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com