Electronic Components Datasheet Search
  English  ▼

X  

LT3477EUF Datasheet(PDF) 13 Page - Linear Technology

Part # LT3477EUF
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477EUF Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3477EUF Datasheet HTML 9Page - Linear Technology LT3477EUF Datasheet HTML 10Page - Linear Technology LT3477EUF Datasheet HTML 11Page - Linear Technology LT3477EUF Datasheet HTML 12Page - Linear Technology LT3477EUF Datasheet HTML 13Page - Linear Technology LT3477EUF Datasheet HTML 14Page - Linear Technology LT3477EUF Datasheet HTML 15Page - Linear Technology LT3477EUF Datasheet HTML 16Page - Linear Technology LT3477EUF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT3477
3477fb
Figure 8a. 32V to 6 White LEDs: Buck Mode with PWM Dimming
Figure 8b. PWM Dimming Waveforms
APPLICATIO S I FOR ATIO
2ms/DIV
ILED
500mA/DIV
IL
500mA/DIV
PWM
5V/DIV
3477 F08b
PVIN = 32V
6 LEDs
300mA
PWM FREQUENCY = 100Hz
BUCK MODE
ISN1
ISP1
VIN
IADJ2
IADJ1
FBN
ISP2
FBP
VREF
C3
3.3
µF
C1
2.2
µF
VIN
3.3V
C1: NIPPON NTS40X5R1H225M
C2: TAIYO YUDEN GMK316BJ105ML
C3: TAIYO YUDEN LMK316BJ335KL
L1: TOKO D53LC (PN# A915AY-100M)
D1: ZETEX ZLLS400
D2: DIODES INC 1N4148
NMOS1, NM0S2: ZETEX 2N7002
PMOS: SILICONIX Si2303BDS
LED1 TO LED6: LUMILEDS LXHL-BW02
CC
0.1
µF
CSS
33nF
300mA
PMOS
3477 F08a
6.81k
NMOS1
NMOS2
100k
0
5V
100Hz
PWM
280k
10k
SW
D2
SS
GND
LT3477
ISN2
RT
SHDN
VC
RSENSE
0.33
Ω
PVIN
32V
L1
10
µH
LED1
LED6
C2
1
µF
D1
1k
1k
•
•
•
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com