Electronic Components Datasheet Search
  English  ▼

X  

LT3506EDHD Datasheet(PDF) 13 Page - Linear Technology

Part # LT3506EDHD
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506EDHD Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3506EDHD Datasheet HTML 9Page - Linear Technology LT3506EDHD Datasheet HTML 10Page - Linear Technology LT3506EDHD Datasheet HTML 11Page - Linear Technology LT3506EDHD Datasheet HTML 12Page - Linear Technology LT3506EDHD Datasheet HTML 13Page - Linear Technology LT3506EDHD Datasheet HTML 14Page - Linear Technology LT3506EDHD Datasheet HTML 15Page - Linear Technology LT3506EDHD Datasheet HTML 16Page - Linear Technology LT3506EDHD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3506/LT3506A

3506afb
ILOAD (A)
0.001
4.0
4.5
3506 G14
3.5
3.0
0.01
0.1
1
5.5
5.0
VIN TO START
BOOST DIODE
TIED TO OUTPUT
BOOST DIODE
TIED TO INPUT
VIN TO RUN
TA = 25°C
DBOOST = 1N5817
ILOAD (A)
0.001
5.5
6.0
3506 G15
5.0
4.5
0.01
0.1
1
7.0
6.5
VIN TO START
BOOST DIODE
TIED TO OUTPUT
BOOST DIODE
TIED TO INPUT
VIN TO RUN
TA = 25°C
DBOOST = 1N5817
The minimum input voltage of an LT3506 application is
limited by the minimum operating voltage (<3.6V) and by
the maximum duty cycle as outlined above. For proper
start-up, the minimum input voltage is also limited by
the boost circuit. If the input voltage is ramped slowly,
or the LT3506 is turned on with its RUN/SS pin when the
output is already in regulation, then the boost capacitor
may not be fully charged. Because the boost capacitor is
charged with the energy stored in the inductor, the circuit
will rely on some minimum load current to get the boost
circuit running properly. This minimum load will depend
on input and output voltages, and on the arrangement of
the boost circuit. The minimum load generally goes to
zero once the circuit has started. The plots below show
the minimum load current to start and to run as a function
of input voltage for 3.3V and 5V outputs. In many cases
the discharged output capacitor will present a load to the
switcher which will allow it to start. The plots show the
worst-case situation where VIN is ramping very slowly.
Use a Schottky diode (such as the BAT-54) for the lowest
start-up voltage.
Minimum Input Voltage,
VOUT = 3.3V (LT3506A)
Minimum Input Voltage,
VOUT = 5V (LT3506A)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com