Electronic Components Datasheet Search
  English  ▼

X  

LT3517 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3517
Description  Full-Featured LED Driver with 1.5A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3517 Datasheet(HTML) 3 Page - Linear Technology

  LT3517 Datasheet HTML 1Page - Linear Technology LT3517 Datasheet HTML 2Page - Linear Technology LT3517 Datasheet HTML 3Page - Linear Technology LT3517 Datasheet HTML 4Page - Linear Technology LT3517 Datasheet HTML 5Page - Linear Technology LT3517 Datasheet HTML 6Page - Linear Technology LT3517 Datasheet HTML 7Page - Linear Technology LT3517 Datasheet HTML 8Page - Linear Technology LT3517 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3517
3
3517fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VIN Operating Voltage
3V
Maximum VIN Operating Voltage
Continuous Operation (Note 3)
30
V
Current Sense Voltage (VISP – VISN)VCTRL = 2V, VISP = 24V, VC = 1V
VCTRL = 2V, VISP = 0V, VC = 1V
●
96
100
100
103
mV
mV
10% Scale Current Sense Voltage (VISP – VISN)VCTRL = 100mV, VISP = 24V, VC = 1V
9
mV
Current Sense Voltage Line Regulation
2V < VISP < 45V
0.03
%/V
VIN Supply Current
PWM > 1.5V, VC = 0V
PWM = 0V
SHDN = 0V
6
4.5
0.1
10
1
mA
mA
μA
Switching Frequency
RT = 16.7k
RT = 4.03k
RT = 91.5k
●
0.85
2.25
220
1.0
2.5
250
1.15
2.7
270
MHz
MHz
kHz
RT Voltage
1V
Soft-Start Pin Current
SS = 0.5V, Out of Pin
6
9
12
μA
SYNC Pull-Down Current (Into the Pin)
VSYNC = 2V
60
μA
SYNC Input Low
0.4
V
SYNC Input High
1.5
V
Maximum Duty Cycle
RT = 91.5k (250kHz)
SYNC = 300kHz Clock Signal, RT = 91.5k
RT = 16.7k (1MHz)
RT = 4.03k (2.5MHz)
●
95
94
85
97
96
90
74
%
%
%
%
Switch Current Limit
1.5
1.9
2.3
A
Switch VCESAT
ISW = 1A
300
mV
Switch Leakage Current
VSW = 45V, PWM = 0V
2
μA
CTRL Input Bias Current
Current Out of Pin, VCTRL = 0.1V
20
100
nA
Error Amplifier Transconductance
550
μS
VC Output Impedance
1000
kΩ
VC Idle Input Bias Current
PWM = 0V, VC = 1V
–20
0
20
nA
FB Pin Input Bias Current
Current Out of Pin, VFB = 0.5V
20
100
nA
FB Pin Threshold
●
0.98
1.01
1.04
V
ISP, ISN Idle Input Bias Current
PWM = 0V
300
nA
ISP, ISN Full-Scale Input Bias Current
ISP Tied to ISN, VISP = 24V, VCTRL = 2V
20
μA
SHDN Voltage High
1.5
V
SHDN Voltage Low
0.4
V
SHDN Pin Bias Current
60
100
μA
PWM Input High Voltage
1.5
V
PWM Input Low Voltage
0.4
V
PWM Pin Bias Current
60
120
μA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 5V, SHDN = 5V, PWM = 5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com