Electronic Components Datasheet Search
  English  ▼

X  

LT3518 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3518
Description  Full-Featured LED Driver with 2.3A Switch Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3518 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3518 Datasheet HTML 9Page - Linear Technology LT3518 Datasheet HTML 10Page - Linear Technology LT3518 Datasheet HTML 11Page - Linear Technology LT3518 Datasheet HTML 12Page - Linear Technology LT3518 Datasheet HTML 13Page - Linear Technology LT3518 Datasheet HTML 14Page - Linear Technology LT3518 Datasheet HTML 15Page - Linear Technology LT3518 Datasheet HTML 16Page - Linear Technology LT3518 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3518
13
3518fb
APPLICATIONS INFORMATION
Switching Frequency
There are two methods to set the switching frequency of
LT3518. Both methods require a resistor connected at RT
pin. Do not leave the RT pin open. Also, do not load this pin
with a capacitor. A resistor must always be connected for
proper operation. One way to set the frequency is simply
connecting an external resistor between the RTpinandGND.
See Table 4 below or see the Oscillator Frequency vs RT
graph in the Typical Performance Characteristics for resis-
tor values and corresponding switching frequencies.
Table 4. Switching Frequency vs RT
Switching Frequency (kHz)
RT ( kΩ )
250
90.9
500
39.2
1000
16.9
1500
9.53
2000
6.04
2500
4.02
The other way is to make the LT3518 synchronize with
an external clock via SYNC pin. For proper operation, a
resistor should be connected at the RT pin and be able
to generate a switching frequency 20% lower than the
external clock when external clock is absent.
In general, a lower switching frequency should be used
where either very high or very low switching duty cycle
operation is required, or high efficiency is desired. Selection
of a higher switching frequency will allow use of smaller
value external components and yield a smaller solution
size and profile.
Thermal Considerations
The LT3518 is rated to a maximum input voltage of 30V
for continuous operation, and 40V for nonrepetitive one
second transients. Careful attention must be paid to the
internal power dissipation of the LT3518 at higher input
voltages to ensure that the maximum junction temperature
is not exceeded. This junction limit is especially important
when operating at high ambient temperatures. The Exposed
Pad on the bottom of the package must be soldered to a
ground plane. This ground should then be connected to
an internal copper ground plane with thermal vias placed
directly under the package to spread out the heat dissipated
by the LT3518.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com