Electronic Components Datasheet Search
  English  ▼

X  

LT3570FE Datasheet(PDF) 1 Page - Linear Technology

Part # LT3570FE
Description  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3570FE Datasheet(HTML) 1 Page - Linear Technology

  LT3570FE Datasheet HTML 1Page - Linear Technology LT3570FE Datasheet HTML 2Page - Linear Technology LT3570FE Datasheet HTML 3Page - Linear Technology LT3570FE Datasheet HTML 4Page - Linear Technology LT3570FE Datasheet HTML 5Page - Linear Technology LT3570FE Datasheet HTML 6Page - Linear Technology LT3570FE Datasheet HTML 7Page - Linear Technology LT3570FE Datasheet HTML 8Page - Linear Technology LT3570FE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3570
1
3570fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1.5A Buck Converter,
1.5A Boost Converter and
LDO Controller
The LT
®3570 is a buck and boost converter with internal
power switches and LDO controller. Each converter is
designed with a 1.5A current limit and an input range
from 2.5V to 36V, making the LT3570 ideal for a wide
variety of applications. Switching frequencies up to 2MHz
are programmed with an external timing resistor and the
oscillator can be synchronized to an external clock up to
2.75MHz.
The LT3570 features a programmable soft-start function
that limits the feedback voltage during start-up helping
prevent overshoot and limiting inrush current. The LDO
controller is capable of delivering up to 10mA of base
current to an external NPN transistor.
Efficiency
n 2.5V to 36V Input Voltage Range
n Programmable Switching Frequency
from 500kHz to 2MHz
n Synchronizable Up to 2.75MHz
n VOUT(MIN): 0.8V
n Independent Soft-Start for Each Converter
n Separate VIN Supplies for Each Converter
n Duty Cycle Range: 0% to 90% at 1MHz
n Available in 24-Lead (4mm
× 4mm) QFN and
20-Lead TSSOP Packages
n Cable and Satellite Set-Top Boxes
n Automotive Systems
n Telecom Systems
n “Dying Gasp” Systems
n TFT LCD Displays
VIN1
SHDN1
SHDN2
SHDN3
SHDN1
SHDN2
SHDN3
SW1
FB1
100nF
1nF
10nF
22μF
2.2μF
VOUT3
2.5V
100mA
32.4k
VOUT2
3.3V
1A
22k
143k
VOUT1
12V
275mA
VIN
5V
22k
10.0k
10.2k
22.1k
10.2k
3570 TA01a
15.8k
10μF
10μF
1nF
10nF
3.3μH
6.8μH
D2
D3
D1
BOOST
SW2
FB2
SS2
NPN_DRV
FB3
VC2
SS1
VC1
VIN2 VIN3 BIAS
RT
SYNC
LT3570
GND
Q1
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
IOUT2 (A)
0
70
75
80
85
90
95
100
0.2
0.4
0.6
0.8
3570 TA01b
1.0
fSW = 1.2MHz
VIN = 5V
VOUT1 = 12V
VOUT2 = 3.3V
VOUT3 = 2.5V
IOUT1 = 275mA
IOUT3 = 100mA


Similar Part No. - LT3570FE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
More results

Similar Description - LT3570FE

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2786 ANALOGICTECH-AAT2786 Datasheet
3Mb / 27P
1.5A Step-Down Converter and 150mA LDO
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
1.5A Step-Down Converter and 150mA LDO
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Linear Technology
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
SHENZHEN FUMAN ELECTRON...
FM3406MS FUMAN-FM3406MS Datasheet
477Kb / 8P
1.5A Buck Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com