Electronic Components Datasheet Search
  English  ▼

X  

LT3684 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3684
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3684 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3684 Datasheet HTML 9Page - Linear Technology LT3684 Datasheet HTML 10Page - Linear Technology LT3684 Datasheet HTML 11Page - Linear Technology LT3684 Datasheet HTML 12Page - Linear Technology LT3684 Datasheet HTML 13Page - Linear Technology LT3684 Datasheet HTML 14Page - Linear Technology LT3684 Datasheet HTML 15Page - Linear Technology LT3684 Datasheet HTML 16Page - Linear Technology LT3684 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3684
13
3684f
When choosing a capacitor, look carefully through the
data sheet to find out what the actual capacitance is under
operating conditions (applied voltage and temperature).
A physically larger capacitor, or one with a higher voltage
rating, may be required. High performance tantalum or
electrolytic capacitors can be used for the output capacitor.
Low ESR is important, so choose one that is intended for
use in switching regulators. The ESR should be specified
by the supplier, and should be 0.05
Ω or less. Such a
capacitor will be larger than a ceramic capacitor and will
have a larger capacitance, because the capacitor must be
large to achieve low ESR. Table 2 lists several capacitor
vendors.
Catch Diode
The catch diode conducts current only during switch off
time. Average forward current in normal operation can
be calculated from:
ID(AVG) = IOUT (VIN – VOUT)/VIN
where IOUT is the output load current. The only reason to
consider a diode with a larger current rating than necessary
for nominal operation is for the worst-case condition of
shorted output. The diode current will then increase to the
typical peak switch current. Peak reverse voltage is equal
to the regulator input voltage. Use a diode with a reverse
voltage rating greater than the input voltage. Table 3 lists
several Schottky diodes and their manufacturers.
Table 3. Diode Vendors
PART NUMBER
VR
(V)
IAVE
(A)
VF AT 1A
(mV)
VF AT 2A
(mV)
On Semicnductor
MBRM120E
MBRM140
20
40
1
1
530
550
595
Diodes Inc.
B120
B130
B220
B230
DFLS240L
20
30
20
30
40
1
1
2
2
2
500
500
500
500
500
International Rectifier
10BQ030
20BQ030
30
30
1
2
420
470
470
Frequency Compensation
The LT3684 uses current mode control to regulate the
output. This simplifies loop compensation. In particular, the
LT3684 does not require the ESR of the output capacitor
for stability, so you are free to use ceramic capacitors to
achieve low output ripple and small circuit size. Frequency
compensation is provided by the components tied to the
VC pin, as shown in Figure 2. Generally a capacitor (CC)
and a resistor (RC) in series to ground are used. In addi-
tion, there may be lower value capacitor in parallel. This
capacitor (CF) is not part of the loop compensation but
is used to filter noise at the switching frequency, and is
required only if a phase-lead capacitor is used or if the
output capacitor has high ESR.
VENDOR
PHONE
URL
PART SERIES
COMMANDS
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
Tantalum
POSCAP
Murata
(408) 436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864) 963-6300
www.taiyo-yuden.com
Ceramic
Table 2. Capacitor Vendors
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com