Electronic Components Datasheet Search
  English  ▼

X  

LT3685 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3685
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3685 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3685 Datasheet HTML 9Page - Linear Technology LT3685 Datasheet HTML 10Page - Linear Technology LT3685 Datasheet HTML 11Page - Linear Technology LT3685 Datasheet HTML 12Page - Linear Technology LT3685 Datasheet HTML 13Page - Linear Technology LT3685 Datasheet HTML 14Page - Linear Technology LT3685 Datasheet HTML 15Page - Linear Technology LT3685 Datasheet HTML 16Page - Linear Technology LT3685 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3505
13
3505fc
Table 2. Inductor Vendors
VENDOR
URL
PART SERIES
INDUCTANCE RANGE (µH)
Size (mm)
Sumida
www.sumida.com
CDRH4D28
CDRH5D28
CDRH5D28
1.2 to 4.7
2.5 to 10
2.5 to 33
4.5
× 4.5
5.5
× 5.5
8.3
× 8.3
Toko
www.toko.com
A916CY
D585LC
2 to 12
1.1 to 39
6.3
× 6.2
8.1
× 8.0
Würth Elektronik
www.we-online.com
WE-TPC(M)
WE-PD2(M)
WE-PD(S)
1 to 10
2.2 to 22
1 to 27
4.8
× 4.8
5.2
× 5.8
7.3
× 7.3
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L = 1.2 (VOUT + VD)/fSW
where VD is the voltage drop of the catch diode (~0.4V),
L is in µH and fSW is in MHz. With this value there will
be no subharmonic oscillation for applications with 50%
or greater duty cycle. The inductor’s RMS current rating
must be greater than your maximum load current and
its saturation current should be about 30% higher. For
robust operation in fault conditions, the saturation current
should be above 2.2A. To keep efficiency high, the series
resistance (DCR) should be less than 0.1 . Table 2 lists
several vendors and types that are suitable.
Of course, such a simple design guide will not always
result in the optimum inductor for your application. A
larger value provides a higher maximum load current and
reduces output voltage ripple at the expense of slower
transient response. If your load is lower than 1.2A, then
you can decrease the value of the inductor and operate
with higher ripple current. This allows you to use a physi-
cally smaller inductor, or one with a lower DCR resulting
in higher efficiency. There are several graphs in the Typical
PerformanceCharacteristicssectionofthisdatasheetthat
show the maximum load current as a function of input
voltage and inductor value for several popular output volt-
ages. Low inductance may result in discontinuous mode
operation, which is okay, but further reduces maximum
load current. For details on maximum output current and
discontinuous mode operation, see Linear Technology
Application Note 44.
Catch Diode
Depending on load current, a 1A to 2A Schottky diode is
recommended for the catch diode, D1. The diode must
have a reverse voltage rating equal to or greater than the
maximuminputvoltage.TheONSemiconductorMBRM140
is a good choice; it is rated for 1A continuous forward
current and a maximum reverse voltage of 40V.
Input Capacitor
The input of the LT3505 circuit must be bypassed with a
X7R or X5R type ceramic capacitor. Y5V types have poor
performance over temperature and applied voltage and
should not be used. For switching frequencies higher than
750kHz,bypasstheinputwitha1µForhighervalueceramic
capacitor.Forswitchingfrequenciesbelow750kHz,bypass
the input with a 2.2
µF or higher value ceramic capacitor.
If the input power source has high impedance, or there is
significantinductanceduetolongwiresorcables,additional
bulk capacitance may be necessary. This can be provided
with a low performance electrolytic capacitor.
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage
ripple at the LT3505 and to force this very high frequency
switching current into a tight local loop, minimizing EMI.
To accomplish this task, the input bypass capacitor must
be placed close to the LT3505 and the catch diode; see
the PCB Layout section. A second precaution regarding
the ceramic input capacitor concerns the maximum input
voltage rating of the LT3505. A ceramic input capacitor
combined with trace or cable inductance forms a high
quality (underdamped) tank circuit. If the LT3505 circuit
is plugged into a live supply, the input voltage can ring to
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com