Electronic Components Datasheet Search
  English  ▼

X  

LT3693 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3693
Description  36V, 3.5A, 2.4MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3693 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3693 Datasheet HTML 9Page - Linear Technology LT3693 Datasheet HTML 10Page - Linear Technology LT3693 Datasheet HTML 11Page - Linear Technology LT3693 Datasheet HTML 12Page - Linear Technology LT3693 Datasheet HTML 13Page - Linear Technology LT3693 Datasheet HTML 14Page - Linear Technology LT3693 Datasheet HTML 15Page - Linear Technology LT3693 Datasheet HTML 16Page - Linear Technology LT3693 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3693
13
3693f
Frequency Compensation
The LT3693 uses current mode control to regulate the
output. This simplifies loop compensation. In particular, the
LT3693 does not require the ESR of the output capacitor
for stability, so you are free to use ceramic capacitors to
achieve low output ripple and small circuit size. Frequency
compensation is provided by the components tied to the
VC pin, as shown in Figure 2. Generally a capacitor (CC)
and a resistor (RC) in series to ground are used. In addi-
tion, there may be lower value capacitor in parallel. This
capacitor (CF) is not part of the loop compensation but
is used to filter noise at the switching frequency, and is
required only if a phase-lead capacitor is used or if the
output capacitor has high ESR.
Loop compensation determines the stability and transient
performance. Designing the compensation network is a bit
complicated and the best values depend on the application
and in particular the type of output capacitor. A practical
approach is to start with one of the circuits in this data
sheet that is similar to your application and tune the com-
pensation network to optimize the performance. Stability
should then be checked across all operating conditions,
including load current, input voltage and temperature. The
LT1375 data sheet contains a more thorough discussion of
loop compensation and describes how to test the stabil-
ity using a transient load. Figure 2 shows an equivalent
circuit for the LT3693 control loop. The error amplifier is a
transconductance amplifier with finite output impedance.
The power section, consisting of the modulator, power
switch and inductor, is modeled as a transconductance
amplifier generating an output current proportional to
the voltage at the VC pin. Note that the output capacitor
integrates this current, and that the capacitor on the VC pin
(CC) integrates the error amplifier output current, resulting
in two poles in the loop. In most cases a zero is required
and comes from either the output capacitor ESR or from
a resistor RC in series with CC. This simple model works
well as long as the value of the inductor is not too high
and the loop crossover frequency is much lower than the
switching frequency. A phase lead capacitor (CPL) across
the feedback divider may improve the transient response.
Figure 3 shows the transient response when the load cur-
rent is stepped from 1A to 3A and back to 1A.
0.8V
SW
VC
gm =
525 mho
GND
3M
LT3693
3693 F02
R1
OUTPUT
ESR
CF
CC
RC
ERROR
AMPLIFIER
FB
R2
C1
C1
CURRENT MODE
POWER STAGE
gm = 5.3mho
+
POLYMER
OR
TANTALUM
CERAMIC
CPL
Figure 3. Transient Load Response of the LT3693 Front Page
Application as the Load Current is Stepped from 1A to 3A.
VOUT = 5V
Figure 2. Model for Loop Response
3693 F03
IL
1A/DIV
VOUT
100mV/DIV
10 s/DIV
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com