Electronic Components Datasheet Search
  English  ▼

X  

LT3782AIUFD-PB Datasheet(PDF) 5 Page - Linear Technology

Part # LT3782AIUFD-PB
Description  2-Phase Step-Up DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3782AIUFD-PB Datasheet(HTML) 5 Page - Linear Technology

  LT3782AIUFD-PB Datasheet HTML 1Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 2Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 3Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 4Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 5Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 6Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 7Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 8Page - Linear Technology LT3782AIUFD-PB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3782A
5
3782af
JUNCTION TEMPERATURE (°C)
0
2.446
2.444
2.442
2.440
2.438
2.436
2.434
50
100
125
75
3782A G05
25
150
RFREQ (kΩ)
0
600
500
400
300
200
100
160
3782A G04
40
20
60
100
140
80
120
200
180
TIME (s)
0
14
10
6
2
12
8
4
0
–2
800
600
400
200
700
500
300
100
0
750μ
3782A G06
250μ
500μ
1m
VGBIAS
IGBIAS
VDELAY (V)
0
1000
900
800
600
700
500
400
300
200
100
0
2.0
3782A G07
0.5
1.0
1.5
2.5
SWITCHING FREQUENCY (kHz)
100
105
100
95
90
85
80
500
3782A G08
200
300
400
600
VDCL (V)
0
2.4
3782A G09
0.6
1.2
1.8
2.1
0.3
0.9
1.5
120
110
100
90
80
70
60
50
40
Switching Frequency vs RFREQ
Reference Voltage
vs Temperature
VGBIAS vs IGBIAS at Start-Up
(Charging 2μF)
SGATE (Low) to BGATE (High)
Delay vs VDELAY (RSET = 80k)
Switching Frequency
vs Duty Cycle
Maximum Duty Cycle Limit
vs VDCL (RSET = 80k)
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–45
3782A G10
5
55
105
130
–20
30
80
70
67
64
61
58
55
Current Limit Threshold
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com