Electronic Components Datasheet Search
  English  ▼

X  

BFP92AW Datasheet(PDF) 8 Page - Vishay Siliconix

Part # BFP92AW
Description  Silicon NPN Planar RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP92AW Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button BFP92AW Datasheet HTML 2Page - Vishay Siliconix BFP92AW Datasheet HTML 3Page - Vishay Siliconix BFP92AW Datasheet HTML 4Page - Vishay Siliconix BFP92AW Datasheet HTML 5Page - Vishay Siliconix BFP92AW Datasheet HTML 6Page - Vishay Siliconix BFP92AW Datasheet HTML 7Page - Vishay Siliconix BFP92AW Datasheet HTML 8Page - Vishay Siliconix BFP92AW Datasheet HTML 9Page - Vishay Siliconix BFP92AW Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
BFP92A/BFP92AW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
8 (10)
Document Number 85019
VCE = 10 V, IC = 14 mA , Z0 = 50 W
S11
12 986
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
1
2
5
3.0 GHz
1.0
0.1
0.3
2.0
Figure 5. Input reflection coefficient
S21
12 988
0
°
90
°
180
°
–90
°
10
20
–150
°
–120
°
–60
°
–30
°
120
°
60
°
30
°
3.0 GHz
1.0
0.1
0.3
0.5
Figure 6. Forward transmission coefficient
S12
12 987
0
°
90
°
180
°
–90
°
0.08
0.16
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
3.0 GHz
1.0
0.1
2.0
Figure 7. Reverse transmission coefficient
S22
12 989
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
3.0 GHz
1.0
0.1
0.3
2.0
Figure 8. Output reflection coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com