Electronic Components Datasheet Search
  English  ▼

X  

LT5525EUF Datasheet(PDF) 3 Page - Linear Technology

Part # LT5525EUF
Description  High Linearity, Low Power Downconverting Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525EUF Datasheet(HTML) 3 Page - Linear Technology

  LT5525EUF Datasheet HTML 1Page - Linear Technology LT5525EUF Datasheet HTML 2Page - Linear Technology LT5525EUF Datasheet HTML 3Page - Linear Technology LT5525EUF Datasheet HTML 4Page - Linear Technology LT5525EUF Datasheet HTML 5Page - Linear Technology LT5525EUF Datasheet HTML 6Page - Linear Technology LT5525EUF Datasheet HTML 7Page - Linear Technology LT5525EUF Datasheet HTML 8Page - Linear Technology LT5525EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT5525
5525f
AC ELECTRICAL CHARACTERISTICS V
CC = 5V, EN = 3V, TA = 25°C, PRF = –15dBm (–15dBm/tone for 2-tone
IIP3 tests, ∆f = 1MHz), fLO = fRF – 140MHz, PLO = –5dBm, IF output measured at 140MHz, unless otherwise noted. Test circuit shown
in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
fRF = 900MHz
–2.6
dB
fRF = 1900MHz
–1.9
dB
fRF = 2100MHz
–2.0
dB
fRF = 2500MHz
–2.0
dB
Conversion Gain vs Temperature
TA = –40°C to 85°C
–0.020
dB/°C
Input 3rd Order Intercept
fRF = 900MHz
21.0
dBm
fRF = 1900MHz
17.6
dBm
fRF = 2100MHz
17.6
dBm
fRF = 2500MHz
12.0
dBm
Single Sideband Noise Figure
fRF = 900MHz
14.0
dB
fRF = 1900MHz
15.1
dB
fRF = 2100MHz
15.6
dB
fRF = 2500MHz
15.6
dB
LO to RF Leakage
fLO = 500MHz to 1000MHz
≤–50
dBm
fLO = 1000MHz to 3000MHz
≤–43
dBm
LO to IF Leakage
fLO = 500MHz to 1400MHz
≤–50
dBm
fLO = 1400MHz to 3000MHz
≤–39
dBm
RF to LO Isolation
fRF = 500MHz to 3000MHz
>38
dB
RF to IF Isolation
fRF = 900MHz
62
dB
fRF = 1900MHz
42
dB
fRF = 2100MHz
40
dB
fRF = 2500MHz
33
dB
Input 1dB Compression
fRF = 900MHz
7.6
dBm
fRF = 1900MHz
4
dBm
fRF = 2100MHz
4
dBm
fRF = 2500MHz
3
dBm
2RF-2LO Output Spurious Product
900MHz: fRF = 830MHz at –15dBm
–63
dBc
(fRF = fLO + fIF/2)
1900MHz: fRF = 1830MHz at –15dBm
–53
dBc
2100MHz: fRF = 2030MHz at –15dBm
–45
dBc
2500MHz: fRF = 2430Hz at –15dBm
–42
dBc
3RF-3LO Output Spurious Product
900MHz: fRF = 806.67MHz at –15dBm
–74
dBc
(fRF = fLO + fIF/3)
1900MHz: fRF = 1806.67MHz at –15dBm
–59
dBc
2100MHz: fRF = 2006.67MHz at –15dBm
–59
dBc
2500MHz: fRF = 2406.67Hz at –15dBm
–60
dBc
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The performance is measured with the test circuit shown in
Figure 1. For 900MHz measurements, C1 = 3.9pF. For all other
measurements, C1 is not used.
Note 3: Specifications over the –40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 4: Operation over a wider frequency range is possible with reduced
performance. Consult the factory for information and assistance.
Note 5: Turn-on and turn-off times correspond to a change in the output
level of 40dB.
Note 6: The part is operable below 3.6V with reduced performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com