Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100PP Datasheet(PDF) 27 Page - Actel Corporation

Part # EX128-CS100PP
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100PP Datasheet(HTML) 27 Page - Actel Corporation

Back Button EX128-CS100PP Datasheet HTML 23Page - Actel Corporation EX128-CS100PP Datasheet HTML 24Page - Actel Corporation EX128-CS100PP Datasheet HTML 25Page - Actel Corporation EX128-CS100PP Datasheet HTML 26Page - Actel Corporation EX128-CS100PP Datasheet HTML 27Page - Actel Corporation EX128-CS100PP Datasheet HTML 28Page - Actel Corporation EX128-CS100PP Datasheet HTML 29Page - Actel Corporation EX128-CS100PP Datasheet HTML 30Page - Actel Corporation EX128-CS100PP Datasheet HTML 31Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
eX Family FPGAs
v4.3
1-23
Table 1-18 • eX Family Timing Characteristics
(Worst-Case Commercial Conditions VCCA = 2.3 V, VCCI = 4.75 V, TJ = 70°C)
‘–P’ Speed
‘Std’ Speed
‘–F’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
Dedicated (Hard-Wired) Array Clock Networks
tHCKH
Input LOW to HIGH
(Pad to R-Cell Input)
1.1
1.6
2.3
ns
tHCKL
Input HIGH to LOW
(Pad to R-Cell Input)
1.1
1.6
2.3
ns
tHPWH
Minimum Pulse Width HIGH
1.4
2.0
2.8
ns
tHPWL
Minimum Pulse Width LOW
1.4
2.0
2.8
ns
tHCKSW
Maximum Skew
<0.1
<0.1
<0.1
ns
tHP
Minimum Period
2.8
4.0
5.6
ns
fHMAX
Maximum Frequency
357
250
178
MHz
Routed Array Clock Networks
tRCKH
Input LOW to HIGH (Light Load)
(Pad to R-Cell Input) MAX.
1.1
1.6
2.2
ns
tRCKL
Input HIGH to LOW (Light Load)
(Pad to R-Cell Input) MAX.
1.0
1.4
2.0
ns
tRCKH
Input LOW to HIGH (50% Load)
(Pad to R-Cell Input) MAX.
1.2
1.7
2.4
ns
tRCKL
Input HIGH to LOW (50% Load)
(Pad to R-Cell Input) MAX.
1.2
1.7
2.4
ns
tRCKH
Input LOW to HIGH (100% Load)
(Pad to R-Cell Input) MAX.
1.3
1.9
2.6
ns
tRCKL
Input HIGH to LOW (100% Load)
(Pad to R-Cell Input) MAX.
1.3
1.9
2.6
ns
tRPWH
Min. Pulse Width HIGH
1.5
2.1
3.0
ns
tRPWL
Min. Pulse Width LOW
1.5
2.1
3.0
ns
tRCKSW*
Maximum Skew (Light Load)
0.2
0.3
0.4
ns
tRCKSW*
Maximum Skew (50% Load)
0.1
0.2
0.3
ns
tRCKSW*
Maximum Skew (100% Load)
0.1
0.1
0.2
ns
Note: *Clock skew improves as the clock network becomes more heavily loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com