Electronic Components Datasheet Search
  English  ▼

X  

LT5554 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5554
Description  Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5554 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5554 Datasheet HTML 9Page - Linear Technology LT5554 Datasheet HTML 10Page - Linear Technology LT5554 Datasheet HTML 11Page - Linear Technology LT5554 Datasheet HTML 12Page - Linear Technology LT5554 Datasheet HTML 13Page - Linear Technology LT5554 Datasheet HTML 14Page - Linear Technology LT5554 Datasheet HTML 15Page - Linear Technology LT5554 Datasheet HTML 16Page - Linear Technology LT5554 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT5554
13
5554f
PIN FUNCTIONS
GND (Pins 1, 2, 7, 8, 10, 13, 15, 16, 19, 22, 25, 26, 28,
31): Ground Pins.
DEC (Pins 3, 6): Decoupling Pin for the Internal DC Bias
Voltage for the Differential Inputs, IN+ and IN–. It is also
connected to the ‘virtual ground’ of the input resistive
attenuator. Capacitive de-coupling to ground is recom-
mended in order to preserve linearity performance when
IN+, IN– inputs are driven with up to 3dB imbalance.
IN+ (Pin 4):
Positive Signal Input Pin with Internal DC
Bias to 2V.
IN– (Pin 5):
Negative Signal Input Pin with Internal DC
Bias to 2V.
PG5 (Pin 9): 4dB Step Amplifier Programmable Gain Con-
trol Input Pin. Input levels are controlled by MODE pin.
PG6 (Pin 11): 8dB Step Amplifier Programmable Gain
Control Input Pin. Input levels are controlled by the
MODE pin.
PG0 (Pin 12): 0.125dB Step Amplifier Programmable
Gain Control Input Pin. Input levels are controlled by
MODE pin.
STROBE (Pin 14): Strobe Pin for the Programmable Gain
Control Inputs (PGx). With STROBE in Low-state, the
Amplifier Gain is not changed by PGx state changes (latch
mode). With STROBE in High-state, the Amplifier Gain is
asynchronously set by PGx inputs transitions (transpar-
ent-mode). A positive STROBE transition updates the
PGx state. Low-state and High-state depends on MODE
pin level (Table1).
VCC (Pins 17, 24): Power Supply Pins. These pins are
internally connected together.
MODE (Pin 18): PGx and STROBE Functionality and Level
Control Pin. When MODE is higher than VCC – 0.4V, the
PGx and STROBE are DC-coupled. When the MODE pin
is lower than 0.6V, the PGx and STROBE are AC-coupled.
2dB-Step Response (PG4)
120MHz Signal
8dB-Step Response (PG6)
120MHz Signal
8dB-Step Response (PG6)
120MHz Pulse Signal
TYPICAL PERFORMANCE CHARACTERISTICS (R
OUT = 50Ω) TA = 25°C. VCC = 5V, VCCO = 5V,
ENB = 3V, MODE = 5V, STROBE = 3V, VIH = 2.2V, VIL = 0.6V (Test circuit shown in Figure 16), maximum gain, unless otherwise noted.
8dB-Step (PG6) 120MHz Pulse
Signal for 8dB Overdrive
8dB-Step (PG6) 120MHz
Sinusoidal Signal for 2dB
Overdrive
8dB-Step (PG6) 120MHz
Sinusoidal Signal for 8dB
Overdrive
MODE = HIGH
1V/DIV
5554 G49
5ns/DIV
MODE = HIGH
1V/DIV
5554 G50
5ns/DIV
MODE = HIGH
1V/DIV
5554 G51
10ns/DIV
MODE = HIGH
0.1V/DIV
5554 G46
10ns/DIV
MODE = HIGH
0.1V/DIV
5554 G47
10ns/DIV
MODE = HIGH
0.2V/DIV
5554 G48
5ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com