Electronic Components Datasheet Search
  English  ▼

X  

LT5558EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LT5558EUF
Description  600MHz to 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5558EUF Datasheet(HTML) 5 Page - Linear Technology

  LT5558EUF Datasheet HTML 1Page - Linear Technology LT5558EUF Datasheet HTML 2Page - Linear Technology LT5558EUF Datasheet HTML 3Page - Linear Technology LT5558EUF Datasheet HTML 4Page - Linear Technology LT5558EUF Datasheet HTML 5Page - Linear Technology LT5558EUF Datasheet HTML 6Page - Linear Technology LT5558EUF Datasheet HTML 7Page - Linear Technology LT5558EUF Datasheet HTML 8Page - Linear Technology LT5558EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5558
5
5558fa
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Floor vs RF Frequency
Image Rejection vs LO Frequency
LO and RF Port Return Loss
vs RF Frequency
Absolute I/Q Gain Imbalance vs
LO Frequency
Absolute I/Q Phase Imbalance vs
LO Frequency
Voltage Gain vs LO Power
Output IP3 vs LO Power
LO Feedthrough vs LO Power
Image Rejection vs LO Power
LO FREQUENCY (MHz)
550
–35
–30
1150 1250
5558 G10
–40
–45
650
750
850
1050
950
–50
–55
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
0.2
1150 1250
5558 G11
0.1
650
750
850
1050
950
0
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
4
1150 1250
5558 G12
2
3
1
650
750
850
1050
950
0
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
–2
48
5558 G13
–6
–8
–10
–12
–14
–4
–16
–18
–16
–12
–8
0
–4
–20
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
24
48
5558 G14
20
18
16
14
12
22
10
–16
–12
–8
0
–4
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
LO INPUT POWER (dBm)
–20
–40
–42
48
5558 G15
–46
–48
–50
–44
–16
–12
–8
0
–4
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
–35
48
5558 G16
–40
–45
–50
–55
–16
–12
–8
0
–4
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
RF FREQUENCY (MHz)
550
–158
–157
1150 1250
5558 G24
–159
–160
650
750
850
1050
950
–161
–162
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
fLO = 900MHz (FIXED)
NO BASEBAND SIGNAL
FREQUENCY (MHz)
550
0
1150 1250
5558 G25
–10
–20
650
750
850
1050
950
–30
–40
LO PORT, EN = HIGH,
PLO = –10dBm
LO PORT, EN = LOW
LO PORT, EN = HIGH, PLO = 0dBm
RF PORT, EN = LOW
RF PORT, EN = HIGH,
PLO = 0dBm
RF PORT, EN = HIGH, NO LO
VCC = 5V, EN = High, TA = 25°C, fLO = 900MHz,
fRF = 902MHz, PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 2.1VDC, baseband input frequency = 2MHz, I and Q 90°
shifted, without image or LO feedthrough nulling. fRF = fBB + fLO (upper side-band selection). PRF(OUT) = –10dBm (–10dBm/tone for
2-tone measurements), unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com