Electronic Components Datasheet Search
  English  ▼

X  

LT5571EUF Datasheet(PDF) 4 Page - Linear Technology

Part # LT5571EUF
Description  620MHz - 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571EUF Datasheet(HTML) 4 Page - Linear Technology

  LT5571EUF Datasheet HTML 1Page - Linear Technology LT5571EUF Datasheet HTML 2Page - Linear Technology LT5571EUF Datasheet HTML 3Page - Linear Technology LT5571EUF Datasheet HTML 4Page - Linear Technology LT5571EUF Datasheet HTML 5Page - Linear Technology LT5571EUF Datasheet HTML 6Page - Linear Technology LT5571EUF Datasheet HTML 7Page - Linear Technology LT5571EUF Datasheet HTML 8Page - Linear Technology LT5571EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT5571
4
5571f
2 • LO FREQUENCY (GHz)
1.1
–40
2.3
2.5
5571 G08
–45
–50
1.3
1.5
1.7
2.1
1.9
–55
–60
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
–42
1150 1250
5571 G07
–44
650
750
850
1050
950
–46
–48
–40
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
3 • LO FREQUENCY (GHz)
1.65
–50
–45
3.5
3.75
5571 G09
–55
–60
1.95 2.25 2.55
3.15
2.85
–65
–70
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
6
8
1150 1250
5571 G06
4
2
650
750
850
1050
950
0
–2
10
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
20
22
24
1150 1250
5571 G04
18
16
650
750
850
1050
950
14
12
26
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
–8
–6
–4
1150 1250
5558 G03
–10
–12
650
750
850
1050
950
–14
–16
–2
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
SUPPLY VOLTAGE (V)
4.50
80
90
100
110
85
°C
25
°C
–40
°C
5.00
4.75
5571 G01
5.25
LO FREQUENCY (MHz)
550
–4
–2
0
1150 1250
5571 G02
–6
–8
650
750
850
1050
950
–10
–12
2
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
65
70
1150 1250
5571 G05
60
55
650
750
850
1050
950
50
45
75
fIM2 = fBB, 1 + fBB, 2 + fLO
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
RF Output Power vs LO Frequency
at 1VP-P Differential Baseband
Drive
Voltage Gain vs LO Frequency
Output IP3 vs LO Frequency
Output IP2 vs LO Frequency
Output 1dB Compression vs
LO Frequency
LO Feedthrough to RF Output vs
LO Frequency
2 • LO Leakage to RF Output vs
2 • LO Frequency
3 • LO Leakage to RF Output vs
3 • LO Frequency
VCC = 5V, EN = High, TA = 25°C, fLO = 900MHz,
fRF = 902MHz, PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 0.5VDC, Baseband Input Frequency fBB = 2MHz, I & Q 90°
shifted, without image or LO feedthrough nulling. fRF = fBB + fLO (upper sideband selection). PRF(OUT) = –10dBm (–10dBm/tone for 2-
tone measurements), unless otherwise noted. (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com