Electronic Components Datasheet Search
  English  ▼

X  

F06C05 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # F06C05
Description  FAST RECOVERY RECTIFIERS(6.0A,50-200V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

F06C05 Datasheet(HTML) 1 Page - Mospec Semiconductor

  F06C05 Datasheet HTML 1Page - Mospec Semiconductor F06C05 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - F06C05

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
F06C05PT CHENMKO-F06C05PT Datasheet
80Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - F06C05

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U06C05 MOSPEC-U06C05 Datasheet
134Kb / 2P
POWER RECTIFIERS(6.0A,50-200V)
U10A05 MOSPEC-U10A05 Datasheet
133Kb / 2P
FAST RECTIFIERS(10A,50-200V)
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
FAST RECTIFIERS(15A,50-200V)
U16C05 MOSPEC-U16C05 Datasheet
138Kb / 2P
FAST RECTIFIERS(16A,50-200V)
logo
Shindengen Electric Mfg...
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
Super Fast Recovery Rectifiers(200V 15A)
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
Super Fast Recovery Rectifiers(200V 1A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
Super Fast Recovery Rectifiers(200V 2.5A)
D5LC20U SHINDENGEN-D5LC20U Datasheet
438Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(200V 5A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com