Electronic Components Datasheet Search
  English  ▼

X  

LT5579 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5579
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5579 Datasheet HTML 9Page - Linear Technology LT5579 Datasheet HTML 10Page - Linear Technology LT5579 Datasheet HTML 11Page - Linear Technology LT5579 Datasheet HTML 12Page - Linear Technology LT5579 Datasheet HTML 13Page - Linear Technology LT5579 Datasheet HTML 14Page - Linear Technology LT5579 Datasheet HTML 15Page - Linear Technology LT5579 Datasheet HTML 16Page - Linear Technology LT5579 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT5579
13
5579f
APPLICATIONS INFORMATION
C9 to step the impedance up to about 12.5Ω. At lower
frequencies additional series inductance may be required
between the IF ports and C9. The position of C9 may vary
with the IF frequency due to the different series inductance
requirements. The 4:1 impedance ratio of transformer T1
completes the transformation to 50 ohms. Table 1 lists the
differential IF input impedances and reflection coefficients
for several frequencies.
Table 1. IF Input Differential Impedance
FREQUENCY
(MHz)
IF INPUT
IMPEDANCE
REFLECTION COEFFICIENT
MAG
ANGLE
70
8.8+j1.3
0.70
177
140
8.7+j2.3
0.70
175
170
9.0+j2.8
0.70
174
190
8.9+j3.0
0.70
173
240
9.0+j4.0
0.70
170
380
9.7+j4.9
0.68
168
450
10.0+j5.2
0.67
167
750
10.8+j9.4
0.65
158
1000
11.8+j13.8
0.64
148
The purpose of capacitor C3 is to improve the LO-RF
leakage in some applications. This relatively small-valued
capacitor has little effect on the impedance match in most
cases. This capacitor should typically be located close to
the IC, however, there may be cases where re-positioning
the capacitor may improve performance.
The measured return loss of the IF input is shown in
Figure 3 for application frequencies of 70MHz, 240MHz
and 456MHz. Component values are listed in Table 2. (For
70MHz matching details, refer to Figure 8.)
Table 2. IF Input Component Values
FREQUENCY
(MHz)
C1, C2
(pF)
C9
(pF)
C3
(pF)
L1, L2
(nH)
R1, R2
(Ω)
MATCH BW
(at 12dB RL)
140
1000
120
(1)
100
9.1
<50 to 158
240
82
33
(1)
40
11
174 to 263
450
33
33
(1)
40
11
330 to 505
Note: (1) Depends on RF, (2) T1 = M/A-Com MABAES0061
FREQUENCY (MHz)
0
–10
–5
0
300
500
800
5579 F03
–15
–20
–25
100 200
a
b
c
400
600 700
Figure 3. IF Input Return Loss with 70MHz (a),
240MHz (b) and 456MHz (c) Matching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com