Electronic Components Datasheet Search
  English  ▼

X  

LT6105 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6105
Description  Precision, Extended Input Range Current Sense Amplifi er
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6105 Datasheet(HTML) 1 Page - Linear Technology

  LT6105 Datasheet HTML 1Page - Linear Technology LT6105 Datasheet HTML 2Page - Linear Technology LT6105 Datasheet HTML 3Page - Linear Technology LT6105 Datasheet HTML 4Page - Linear Technology LT6105 Datasheet HTML 5Page - Linear Technology LT6105 Datasheet HTML 6Page - Linear Technology LT6105 Datasheet HTML 7Page - Linear Technology LT6105 Datasheet HTML 8Page - Linear Technology LT6105 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6105
1
6105fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Precision, Extended Input
Range Current Sense Amplifier
The LT®6105 is a micropower, precision current sense
amplifier with a very wide input common mode range.
The LT6105 monitors unidirectional current via the volt-
age across an external sense resistor. The input common
mode range extends from –0.3V to 44V, with respect to
the negative supply voltage (V–). This allows the LT6105
to operate as a high side current sense monitor or a low
side current sense monitor. It also allows the LT6105 to
monitor current on a negative supply voltage, as well as
continuously monitor a battery from full charge to depletion.
The inputs of LT6105 can withstand differential voltages
up to ±44V, which makes it ideal for monitoring a fuse or
MOSFET switch.
Gain is configured with external resistors from 1V/V to
100V/V. The input common mode rejection and power
supply rejection are in excess of 100dB and the input offset
voltage is less than 300μV. A typical slew rate of 2V/μs
ensures fast response to unexpected current changes.
The LT6105 can operate from an independent power
supply of 2.85V to 36V and draws only 150μA. When
V+ is powered down, the sense pins are biased off. This
prevents loading of the monitored circuit, irrespective of
the sense voltage. The LT6105 is available in a 6-lead DFN
and 8-lead MSOP package.
Gain Error vs Input Voltage
n Very Wide,Over-the-Top®, Input Common Mode Range
- Extends 44V Above V– (Independent of V+)
- Extends –0.3V Below V–
n Wide Power Supply Range: 2.85V to 36V
n Input Offset Voltage: 300μV Maximum
n Gain Accuracy: 1% Max
n Gain Configurable with External Resistors
n Operating Current: 150μA
n Slew Rate: 2V/μs
n Sense Input Current When Powered Down: 1nA
n Full-Scale Output Current: 1mA Minimum
n Operating Temperature Range –40°C to 125°C
n Available in 2mm
× 3mm DFN and 8-Lead MSOP
Packages
n High Side or Low Side Current Sensing
n Current Monitoring on Positive or Negative Supply
Voltages
n Battery Monitoring
n Fuse/MOSFET Monitoring
n Automotive
n Power Management
n Portable Test/Measurement Systems
Gain of 50 Current Sense Amplifier
–
+
0.02Ω
RIN2
100Ω
RIN1
100Ω
ROUT
4.99k
LT6105
2.85V TO 36V
TO LOAD
SOURCE
–0.3V TO 44V
VOUT = 1V/A
VOUT
V+
V–
VS
+
VS
–
–IN
+IN
6105 TA01
VV
V
R
R
A
R
R
RR
OUT
S
S
OUT
IN
V
OUT
IN
IN
IN
=−
()
==
+− •;
;
12 =
= RIN
, LT, LTC, LTM and Over-the-Top are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
VS
+ INPUT VOLTAGE (V)
0
2
3
35
1
0
10
20
5
15
25
40
30
45
–3
–4
–1
4
–2
6105 TA01b
TA = 25°C
TA = 85°C
TA = 125°C
V+ = 12V
VSENSE = 50mV
RIN = 100Ω
AV = 50V
TA = – 40°C


Similar Part No. - LT6105

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6105 LINER-LT6105 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT6105 LINER-LT6105 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LT6105 AD-LT6105 Datasheet
1Mb / 14P
36V Low Cost High Side Current Sense in a SOT-23
Rev. C
LT6105 AD-LT6105 Datasheet
347Kb / 14P
High Temperature High Side Current Sense Amp in SOT-23
REV C
LT6105 AD-LT6105 Datasheet
2Mb / 34P
Wide Range I2C Power Monitor
Rev. C
More results

Similar Description - LT6105

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
Precision Zero Drift Current Sense Amplifi er
LTC6104 LINER-LTC6104 Datasheet
309Kb / 16P
High Voltage, High Side, Bi-Directional Current Sense Amplifi er
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
Precision, Extended Input Range Current Sense Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
Current-Adjustable, Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com