Electronic Components Datasheet Search
  English  ▼

X  

2N3055A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N3055A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N3055A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N3055A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N3055A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
2N3055A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=200mA ; IB= 0
60
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.4A
1.1
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 3.3A
3.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 15A; IB= 7A
5.0
V
VBE(on)
Base-Emitter On Voltage
IC= 4A ; VCE= 4V
1.8
V
ICEO
Collector Cutoff Current
VCE= 30V; IB= 0
0.7
mA
ICEX
Collector Cutoff Current
VCE= 100V; VBE(off)= 1.5V
VCE= 100V; VBE(off)= 1.5V,TC=150℃
5.0
30
mA
IEBO
Emitter Cutoff Current
VEB= 7.0V; IC= 0
5.0
mA
hFE-1
DC Current Gain
IC= 4A; VCE= 2V
10
70
hFE-2
DC Current Gain
IC= 4A; VCE= 4V
20
70
hFE-3
DC Current Gain
IC= 10A; VCE= 4V
5
Is/b
Second Breakdown Collector
Current with Base Forward Biased
VCE= 60V; t= 0.5s,Nonrepetitive
1.95
A
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1.0MHz
600
pF
fT
Current Gain-Bandwidth Product
IC= 1A; VCE= 4V; f= 1.0MHz
0.8
MHz
Switching Times
td
Delay Time
0.5
μs
tr
Rise Time
4.0
μs
tstg
Storage Time
3.0
μs
tf
Fall Time
IC= 4A; VCC= 30V; IB1= -IB2= 0.4A,
tp= 25μs; Duty Cycle≤ 2%
6.0
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com