Electronic Components Datasheet Search
  English  ▼

X  

LT6554CGN Datasheet(PDF) 2 Page - Linear Technology

Part # LT6554CGN
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554CGN Datasheet(HTML) 2 Page - Linear Technology

  LT6554CGN Datasheet HTML 1Page - Linear Technology LT6554CGN Datasheet HTML 2Page - Linear Technology LT6554CGN Datasheet HTML 3Page - Linear Technology LT6554CGN Datasheet HTML 4Page - Linear Technology LT6554CGN Datasheet HTML 5Page - Linear Technology LT6554CGN Datasheet HTML 6Page - Linear Technology LT6554CGN Datasheet HTML 7Page - Linear Technology LT6554CGN Datasheet HTML 8Page - Linear Technology LT6554CGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6554
2
6554fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Offset Voltage
VIN = 0V, VOS = VOUT
11
±35
mV
●
±70
mV
IIN
Input Current
●
–17
±50
µA
en
Output Noise Voltage
f = 100kHz
20
nV√Hz
in
Input Noise Current
f = 100kHz
3.5
pA√Hz
RIN
Input Resistance
VIN = ±1V
●
150
400
kΩ
CIN
Input Capacitance
f = 100kHz
1
pF
PSRR
Power Supply Rejection Ratio
VS (Total) = 4.5V to 12V (Note 6)
●
51
65
dB
IPSRR
Input Current Power Supply
VS (Total) = 4.5V to 12V (Note 6)
●
1
±5
µA/V
Rejection
AV ERR
Gain Error
VOUT = ±2V
●
–2.5
–0.6
0
%
AV MATCH
Gain Matching
Any One Channel to Another
±0.03
%
VOUT
Maximum Output Voltage Swing
●
±3.75
±3.85
V
IS
Supply Current, Per Amplifier
RL = ∞
810
mA
RL = ∞
●
13
mA
Supply Current, Disabled, Total
VEN = 4V
●
22
100
µA
VEN = Open
●
0.5
100
µA
IEN
Enable Pin Current
VEN = 0.4V
●
–200
–95
µA
VEN = V+
●
0.5
50
µA
ISC
Output Short-Circuit Current
RL = 0Ω, VIN = ±2V
●
±50
±105
mA
SR
Slew Rate
4VP-P Output Step (Note 9)
1700
2500
V/µs
–3dB BW
Small Signal –3dB Bandwidth
VOUT = 200mVP-P
650
MHz
0.1dB BW
Gain Flatness ±0.1dB Bandwidth
VOUT = 200mVP-P
100
MHz
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
EN
DGND
INR
AGND
ING
AGND
INB
V–
V+
V+
OUTR
V–
OUTG
V+
OUTB
V–
G = +1
G = +1
G = +1
Total Supply Voltage (V+ to V–) ............................ 13.2V
Input Current (Note 2) ........................................ ±10mA
Output Current (Continuous) ............................. ±70mA
EN to DGND Voltage (Note 2) ................................. 5.5V
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ... –40°C to 85°C
Specified Temperature Range (Note 5) .... –40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature ........................................... 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
GN PART
MARKING
TJMAX = 150°C, θJA = 135°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
6554
6554I
LT6554CGN
LT6554IGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, RL = 1k, CL = 1.5pF, VEN = 0.4V, VAGND, VDGND = 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com