Electronic Components Datasheet Search
  English  ▼

X  

LT6556 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6556
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6556 Datasheet HTML 2Page - Linear Technology LT6556 Datasheet HTML 3Page - Linear Technology LT6556 Datasheet HTML 4Page - Linear Technology LT6556 Datasheet HTML 5Page - Linear Technology LT6556 Datasheet HTML 6Page - Linear Technology LT6556 Datasheet HTML 7Page - Linear Technology LT6556 Datasheet HTML 8Page - Linear Technology LT6556 Datasheet HTML 9Page - Linear Technology LT6556 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6556
6
6556f
TIME (ns)
0
4
2
1
3
5
20
40
60
80
6556 G26
100
10
030
50
70
90
VS = ±5V
RL = 1k
INA = INB = 0V
TA = 25°C
–0.05
0.05
0.15
–0.10
0
0.10
FREQUENCY (MHz)
0.01
0.1
100
1000000
0.1
1
10
100
1000
6556 G19
1
10000
1000
10
100000
DISABLED
VEN = 4V
ENABLED
VEN = O.4V
VS = ±5V
TA = 25°C
TIME (ns)
0
4
2
1
3
5
0
–1.5
1.5
1.0
0.5
–0.5
–1.0
20
40
60
80
6556 G27
100
10
030
50
70
90
VS = ±5V
RL = 1k
INB = 300MHz, 2VP-P SINE
TA = 25°C INA = 0V
GAIN ERROR—BETWEEN CHANNELS (%)
–0.1
25
30
35
40
0.1
6556 G25
15
0
–0.075
–0.025
–0.05
0
0.025 0.05 0.075
20
10
5
VS = ±5V
VOUT = ±2V
RL = 1k
TA = 25°C
GAIN ERROR—INDIVIDUAL CHANNEL (%)
–1.3
25
30
35
–.90
6556 G24
15
0
–1.25
–1.15
–1.2
–1.1 –1.05 –1.0 –.95
20
10
5
VS = ±5V
VOUT = ±2V
RL = 1k
TA = 25°C
TIME (ns)
0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.5
–2.5
–1.0
–2.0
16
6556 G23
4
8
12
20
14
2
6
10
18
VIN = 4VP-P
VS = ±5V
RL = 1k
TA = 25°C
TIME (ns)
–0.2
0.2
0.5
0.9
0
0.4
0.7
–0.1
0.3
0.6
0.1
0.8
4
8
12
16
6556 G22
20
2
0
6
10
14
18
VIN = 700mVP-P
VS = ±5V
RL = 1k
TA = 25°C
TIME (ns)
0
–0.10
0
0.10
0.20
0.15
16
6556 G21
–0.20
–0.15
–0.05
0.05
4
8
12
218
6
10
14
20
VIN = 200mVP-P
VS = ±5V
RL = 1k
TA = 25°C
6556 G20
CAPACITIVE LOAD (pF)
1
35
30
25
20
15
10
5
0
10
100
1000
VOUT = 2VP–P
VS = ±5V
RL = 1k
TA = 25°C
AC PEAKING
>3dB
Output Impedance vs Frequency
Maximum Capacitive Load vs
Output Series Resistor
Small-Signal Transient Response
Video Amplitude Transient
Response
Large-Signal Transient Response
Gain Error Distribution
Gain Error Matching Distribution
Channel Switching Transient
Channel Switching Transient
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com