Electronic Components Datasheet Search
  English  ▼

X  

LT6556CUF Datasheet(PDF) 2 Page - Linear Technology

Part # LT6556CUF
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556CUF Datasheet(HTML) 2 Page - Linear Technology

  LT6556CUF Datasheet HTML 1Page - Linear Technology LT6556CUF Datasheet HTML 2Page - Linear Technology LT6556CUF Datasheet HTML 3Page - Linear Technology LT6556CUF Datasheet HTML 4Page - Linear Technology LT6556CUF Datasheet HTML 5Page - Linear Technology LT6556CUF Datasheet HTML 6Page - Linear Technology LT6556CUF Datasheet HTML 7Page - Linear Technology LT6556CUF Datasheet HTML 8Page - Linear Technology LT6556CUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6556
2
6556f
Total Supply Voltage (V+ to V–) .............................12.6V
Input Current (Note 2) .........................................±10mA
Output Current (Continuous) ..............................±70mA
⎯E⎯N to DGND Voltage (Note 2) ..................................5.5V
SEL to DGND Voltage (Note 2)....................................8V
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ... –40°C to 85°C
Specified Temperature Range (Note 5) .... –40°C to 85°C
(Note 1)
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, RL = 1k, CL = 1.5pF, V⎯E⎯N = 0.4V, VAGND, VDGND, VVREF = 0V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Offset Voltage
VIN = 0V, VOS = VOUT
●
18
±67
±75
mV
mV
IIN
Input Current
●
–12
±45
µA
RIN
Input Resistance
VIN = ±1V
●
100
500
kΩ
CIN
Input Capacitance
f = 100kHz
●
1pF
PSRR
Power Supply Rejection Ratio
VS = ±2.25V to ±6V (Note 6)
●
51
62
dB
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Junction Temperature
SSOP ................................................................ 150°C
QFN................................................................... 125°C
Storage Temperature Range
SSOP ................................................. –65°C to 150°C
QFN.................................................... –65°C to 125°C
Soldering Temperature (10 sec)............................ 300°C
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
IN1A
DGND
IN2A
VREF
IN3A
AGND1
IN1B
AGND2
IN2B
AGND3
IN3B
V–
V+
EN
SEL A/B
V+
OUT1
V–
OUT2
V+
OUT3
V–
V+
V+
G = +1
G = +1
G = +1
TJMAX = 150°C, θJA = 90°C/W
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm × 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
VREF
IN3A
AGND1
V–
IN1B
AGND2
V+
OUT1
V–
OUT2
V+
OUT3
TJMAX = 125°C, θJA = 37°C/W, θJC = 2.6°C/W
EXPOSED PAD (PIN 25) IS V–
MUST BE SOLDERED TO PCB
ORDER PART NUMBER
GN PART MARKING
ORDER PART NUMBER
UF PART MARKING*
LT6556CGN
LT6556IGN
LT6556CGN
LT6556IGN
LT6556CUF
LT6556IUF
6556
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com