Electronic Components Datasheet Search
  English  ▼

X  

LT8410 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8410
Description  Ultralow Power Boost Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8410 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8410 Datasheet HTML 8Page - Linear Technology LT8410 Datasheet HTML 9Page - Linear Technology LT8410 Datasheet HTML 10Page - Linear Technology LT8410 Datasheet HTML 11Page - Linear Technology LT8410 Datasheet HTML 12Page - Linear Technology LT8410 Datasheet HTML 13Page - Linear Technology LT8410 Datasheet HTML 14Page - Linear Technology LT8410 Datasheet HTML 15Page - Linear Technology LT8410 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT8410/LT8410-1
13
84101f
SW
CAP
GND
FBP
8410-1 TA09
LT8410
C1
2.2μF
C3
0.1μF
C4
0.1μF
L1
150μH
C2
0.1μF
VOUT = 34V
VIN
2.5V to 16V
VCC
VOUT
VREF
SHDN
133K
866K
TURN ON/OFF
C1: 2.2μF, 16V, X5R, 0603
C2: 0.1μF, 100V, X5R, 0603
C3: 0.1μF, 100V, X5R, 0603 *
C4: 0.1μF, 16V, X7R, 0402
L1: COILCRAFT LPS3314-154ML
* HIGHER CAPACITANCE VALUE IS REQUIRED FOR
C3 WHEN THE VIN IS HIGHER THAN 8V
34V Output Converter with Wide Input Voltage
Efficiency vs Load Current
LOAD CURRENT (mA)
0.01
90
50
60
70
80
40
8410-1 TA10
10
1
0.1
VIN = 12V
VIN = 3.6V
VIN = 5V
VIN (V)
IOUT (mA)
3.6
0.8
5
1.2
12
4.0
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com