Electronic Components Datasheet Search
  English  ▼

X  

LTC1040 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1040
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1040 Datasheet HTML 2Page - Linear Technology LTC1040 Datasheet HTML 3Page - Linear Technology LTC1040 Datasheet HTML 4Page - Linear Technology LTC1040 Datasheet HTML 5Page - Linear Technology LTC1040 Datasheet HTML 6Page - Linear Technology LTC1040 Datasheet HTML 7Page - Linear Technology LTC1040 Datasheet HTML 8Page - Linear Technology LTC1040 Datasheet HTML 9Page - Linear Technology LTC1040 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1040
1040fa
Tracking Error
Tracking error is caused by the ratio error between CIN1
and CIN2 and is expressed as a percentage. For example,
consider Figure 3a with VREF = 1V. Then at null,
Minimizing Comparison Errors
The two differential input voltages, V1 and V2, are con-
verted to charge by the input capacitors CIN1 and CIN2 (see
Figure 2). The charge is summed at the virtual ground
point; if the net charge is positive, the comparator output
is high and if negative, it is low. There is an optimum way
to connect these inputs, in a specific application, to
minimize error.
APPLICATIO S I FOR ATIO
Ignoring internal offset, the LTC1040 will be at its switch-
ing point when:
V1 • CIN1 + V2 • CIN2 = 0.
Optimum error will be achieved when the differential
voltages, V1 and V2, are individually minimized. Figure 3
shows two ways to connect the LTC1040 to compare an
input voltage, VIN, to a reference voltage, VREF. Using the
above equation, each method will be at null when:
(a)
(VREF – 0V) CIN1 – (0V – VIN) CIN2 = 0
or VIN = VREF (CIN1/CIN2)
(b) (VREF – VIN) CIN1 – (0V – 0V) CIN2 = 0
or VIN = VREF.
Notice that in method (a) the null point depends on the
ratio of CIN1/CIN2, but method (b) is independent of this
ratio. Also, because method (b) has zero differential input
voltage, the errors due to finite input resistance are
negligible. The LTC1040 has a high accuracy capacitor
array and even the non-optimum connection will only
result in
± 0.1% more error, worst-case compared to the
optimum connection.
LTC1040 • AI02
CIN1
VIRTUAL
GROUND
LTC1040 DUAL DIFFERENTIAL INPUT
S1
S2
+
–
+
–
V1
V2
CIN2
Figure 2. Dual Differential Equivalent Input Circuit
Common Mode Range
The input switches of the LTC1040 are capable of
switching to either the V+ or V– supply. This means that the
input common mode range includes both supply rails.
Many applications, not feasible with conventional com-
parators, are possible with the LTC1040. In the load
current detector shown in Figure 4, a 0.1
Ω resistor is used
to sense the current in the V+ supply. This application
requires the dual differential input and common mode
capabilities of the LTC1040.
Figure 4. Load Current Detector
VIN = VREF
CIN1
CIN2
= 1V
± 1mV
Figure 3. Two Ways to Do It
VREF
VIN
VREF
VIN
LTC1040 • TA03
–
–
+
+
–
–
+
+
(a) OK
(b) Optimum
because CIN1 is guaranteed to equal CIN2 to within 0.1%.
VS
RL
LTC1040 • AI04
IL
100mV
–
–
+
+
+
0.1
Ω
OUT
1/2
LTC1040
OUT = HI IF IL > 1A
OUT = LO IF IL < 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com