Electronic Components Datasheet Search
  English  ▼

X  

LTC1047 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1047
Description  Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1047 Datasheet(HTML) 2 Page - Linear Technology

  LTC1047 Datasheet HTML 1Page - Linear Technology LTC1047 Datasheet HTML 2Page - Linear Technology LTC1047 Datasheet HTML 3Page - Linear Technology LTC1047 Datasheet HTML 4Page - Linear Technology LTC1047 Datasheet HTML 5Page - Linear Technology LTC1047 Datasheet HTML 6Page - Linear Technology LTC1047 Datasheet HTML 7Page - Linear Technology LTC1047 Datasheet HTML 8Page - Linear Technology LTC1047 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1047
1047fa
Total Supply Voltage (V+ to V–) ............................... 16V
Input Voltage (Note 2) .......... (V+ + 0.3V) to (V– – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
Storage Temperature Range ................. – 65°C to 150°C
Operating Temperature Range ..................... 0°C to 70°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LTC1047CN8
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
TJMAX = 110°C, θJA = 130°C/W
LTC1047CSW
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
TJMAX = 110°C, θJA = 200°C/W
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
OUT A
–IN A
+IN A
V–
NC
NC
NC
NC
V+
OUT B
–IN B
+IN B
NC
NC
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDlTlONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
TA = 25°C (Note 3)
±3
±10
µV
Average Input Offset Voltage Drift
(Note 3)
●
±0.01
±0.05
µV/°C
Long Term Offset Drift
100
nV√mo
Input Bias Current
±5
±30
pA
●
±300
pA
Input Offset Current
±10
±60
pA
●
±150
pA
Input Noise Voltage
0.1Hz to 10Hz
3.5
µVP-P
0.1Hz to 1Hz
0.8
µVP-P
Input Noise Current
f = 10Hz (Note 4)
1.5
fA√Hz
Common Mode Rejection Ratio
VCM = V
– to 2.7V, TA = 25°C
●
110
130
dB
105
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
●
105
122
dB
Large-Signal Voltage Gain
RL = 100k, VOUT = ±4V
●
120
150
dB
Maximum Output Voltage Swing
RL = 10k
4.3/–4.8
V
RL = 100k
●
4.8/–4.9
±4.95
V
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com