Electronic Components Datasheet Search
  English  ▼

X  

LTC7652 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC7652
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7652 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC7652 Datasheet HTML 11Page - Linear Technology LTC7652 Datasheet HTML 12Page - Linear Technology LTC7652 Datasheet HTML 13Page - Linear Technology LTC7652 Datasheet HTML 14Page - Linear Technology LTC7652 Datasheet HTML 15Page - Linear Technology LTC7652 Datasheet HTML 16Page - Linear Technology LTC7652 Datasheet HTML 17Page - Linear Technology LTC7652 Datasheet HTML 18Page - Linear Technology LTC7652 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC1052/LTC7652
15
1052fa
VOS =5µV
VOS/∆T=50µV/°C
GAIN = 10
FULL POWER BANDWIDTH = 1kHz
7
2
8
4
1
3
LTC1052/7652 • TA10
6
0.1µF
–5V
0.1µF
5V
5V
–5V
+
–
LTC1052
LTC1010
1M
VOUT
VIN
RL
100k
±100mA
100pF
100k
LOAD
5k
2.5k
1k
220Ω
6
7
2
8
4
2000pF
1
3
5V
100Ω
LTC1052/7652 • TA11
OUTPUT
INPUT
10k
+
–
LTC1052
OUTPUT SWING
± 4.92V
± 4.84V
± 4.65V
± 3.65V
5V
220pF
74C04
10k
0.1µF
0.1µF
TYPICAL APPLICATIO S
±100mA Output Drive
Increasing Output Current
Single 5V Thermocouple Amplifier with Cold Junction Compensation
5k AT 25
°C†
R1
232k
301k
301k
2.1M
VT
CF*
LTC1052/7652 • TA12
100k
R1
≈ – 0.5V
THERMOCOUPLE
TYPE
J
K
T
S
RF
IN914
43k
5V
LT1004-1.2
2
187
Ω
4
1
µF
3
11
1
µF
5V
1
µF
1690
Ω
1k
–
+
5V
1820
Ω
3
4
8
1
6
7
VOUT = VT 1+
Rl
RF
Rl
10k
NONPOLARIZED
1
µF
† YELLOW SPRINGS INST. CO. PART #44007
*CHOOSE CF TO FILTER NOISE
LTC1043
0.0047
µF
2
12
17
+
–
LTC1052
5V
15
8
14
5
16
18
7
13
6
0.1
µF
0.1
µF
+
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com