Electronic Components Datasheet Search
  English  ▼

X  

LTC1052MH Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1052MH
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052MH Datasheet(HTML) 5 Page - Linear Technology

  LTC1052MH Datasheet HTML 1Page - Linear Technology LTC1052MH Datasheet HTML 2Page - Linear Technology LTC1052MH Datasheet HTML 3Page - Linear Technology LTC1052MH Datasheet HTML 4Page - Linear Technology LTC1052MH Datasheet HTML 5Page - Linear Technology LTC1052MH Datasheet HTML 6Page - Linear Technology LTC1052MH Datasheet HTML 7Page - Linear Technology LTC1052MH Datasheet HTML 8Page - Linear Technology LTC1052MH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC1052/LTC7652
5
1052fa
Broadband Noise, CEXT = 0.1µF
Supply Current vs Supply Voltage
AV = –1000
1ms/DIV
AV = –1000
1ms/DIV
TYPICAL PERFOR A CE CHARACTERISTICS
Broadband Noise, CEXT = 1.0µF
Broadband Noise Test Circuit (TC2)
CEXTB
CEXTA
R1
1k
R2
1M
3
2
7
6
8
4
1
–5V
R3
1k
5V
+
–
LTC1052
LTC1052/7652 • TPC07
Output Short-Circuit Current vs
Supply Voltage
Supply Current vs Temperature
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
4
0
0.5
1.0
1.5
2.0
2.5
6
58
10
12
LTC1052/LTC7652 • TPC08
14
16
AMBIENT TEMPERATURE, TA (°C)
–50
2.0
3.0
25
75
1.0
–25
0
50
100
125
0
SUPPLY VOLTAGE = ± 5V
LTC1052/LTC7652 • TPC09
Sampling Frequency vs Voltage
Comparator Operation
Sampling Frequency vs
Temperature
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
4
0
100
200
300
400
600
68
10
12
LTC1052/LTC7652 • TPC11
14
16
500
TA = 25°C
5
AMBIENT TEMPERATURE, TA (°C)
–50
400
500
600
25
75
LT1052/LTC7652 • TPC12
300
200
–25
0
50
100
125
100
0
SUPPLY VOLTAGE = ± 5V
0.1µF
0.1µF
1k
VREF*
3
2
7
6
8
4
1
–5V
1k
5V
+
–
LTC1052
LTC1052/7652 • TPC13
VIN
* – 5V ≤ VREF ≤ 2.7V
5
TOTAL SUPPLY VOLTAGE, V+ TO V– (V)
4
8
6
4
2
0
–10
–20
–30
10
14
LTC1052/LTC7652 • TPC10
68
12
16
5
ISINK VOUT = V+
ISOURCE VOUT = V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com