Electronic Components Datasheet Search
  English  ▼

X  

LTC1052CSW Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1052CSW
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052CSW Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1052CSW Datasheet HTML 12Page - Linear Technology LTC1052CSW Datasheet HTML 13Page - Linear Technology LTC1052CSW Datasheet HTML 14Page - Linear Technology LTC1052CSW Datasheet HTML 15Page - Linear Technology LTC1052CSW Datasheet HTML 16Page - Linear Technology LTC1052CSW Datasheet HTML 17Page - Linear Technology LTC1052CSW Datasheet HTML 18Page - Linear Technology LTC1052CSW Datasheet HTML 19Page - Linear Technology LTC1052CSW Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC1052/LTC7652
16
1052fa
LTC1052/7652 • TA14
OUTPUT
INPUT
7
8
2
INPUT CAPACITANCE BOOTSTRAP
1
0.1µF
+
–
LTC1052
3
10M
FAST SOURCE
FOLLOWER
BANDWIDTH: 20MHz
†RISE: 100ns
DELAY: 5ns
4
5V
1N4148
2N5486
100Ω
V+
Q1
2000pF
DC STABILIZATION
6
Q2
1k
2N2222
5V
–5V
–5V
10M
0.1µF
0.01µF
0.1µF
DRAIN CURRENT SINK
10k
LT1010
0.1µF
TYPICAL APPLICATIO S
Increasing Output Current and Voltage (VSUPPLY = ±15V)
DC Stabilized FET Probe
Precision Multiplexed Differential Thermocouple Amplifier
–5V
R1
232k
301k
301k
2.1M
0.1µF
LTC1052/7652 • TA15
THERMOCOUPLE
TYPE
J
K
T
S
5V
LT1004–1.2V
2
187Ω
1µF
5V
0.1µF
1µF
1690Ω
COLD JUNCTION
COMPENSATOR
100k
3
4
8
1
6
7
VOUT = 1001 • VTHERMOCOUPLE
R1
5k AT
25°C†
† YELLOW SPRINGS INST. CO. PART #44007
1M
0.1µF
4
8
5
15
11
4
1
12
2
14
16
1µF
6
13
7
+
–
LTC1052
14
1820Ω
5
16
1µF
1k
–5V
LTC1043
ADDRESS
–5V
CD4052B
0.0047µF
18
3
10
9
15
7
8
13
2
3
17
11
12
LTC1052/7652 • TA13
–15V
2N3904
STABLE FOR ALL GAINS, INVERTING
AND NONINVERTING, OBSERVE
LTC1052 COMMON MODE INPUT LIMITS
7V
+
–
LTC1052
OUTPUT
±12V AT 20mA | LIMIT
INPUT
3k
2
3
4
0.1µF
6
7
8
–7V
1
0.1µF
0.1µF
0.1µF
4
2
NC
3
7
6
2N3904
15V
NC
3k
1k
+
–
LT318A
30k
33pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com