Electronic Components Datasheet Search
  English  ▼

X  

LTC1064CSW Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064CSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1064CSW Datasheet HTML 11Page - Linear Technology LTC1064CSW Datasheet HTML 12Page - Linear Technology LTC1064CSW Datasheet HTML 13Page - Linear Technology LTC1064CSW Datasheet HTML 14Page - Linear Technology LTC1064CSW Datasheet HTML 15Page - Linear Technology LTC1064CSW Datasheet HTML 16Page - Linear Technology LTC1064CSW Datasheet HTML 17Page - Linear Technology LTC1064CSW Datasheet HTML 18Page - Linear Technology LTC1064CSW Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC1064
15
1064fb
TYPICAL APPLICATIO S
INPUT FREQUENCY (Hz)
10k
15
0
–15
–30
–45
–60
–75
–90
–105
100k
1M
1064 TA18
VS = ±8V
fCLK = 4.5MHz
fCLK = 50% DUTY CYCLE
f–3dB = 70kHz
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R21
R31
R41
R22
R32
R42
R12
R44
R34
R24
5V TO 8V
0.1
µF
TO V+
–5V TO –8V
TO R13
VOUT
VIN1
FROM
PIN 20
1064 TA17
R43
R33
R23
RESISTOR VALUES:
R11 = 34.8k
R21 = 34.8k
R31 = 14.3k
R41 = 40.2k
R12 = 10.5k
R22 = 45.3k
R32 = 22.1k
R42 = 39.2k
R13 = 12.7k
R23 = 34.8k
R33 = 24.3k
R43 = 20k
R14 = 20k
R24 = 34.8k
R34 = 13.3k
R44 = 20k
WIDEBAND NOISE = 70
µVRMS
fCLK
≤7MHz
R14
R13
R11
0.1
µF
INPUT FREQUENCY (Hz)
10k
15
0
–15
–30
–45
–60
–75
–90
–105
100k
1M
1064 TA16
VS = ±8V
fCLK = 7MHz
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R42
R23
R33
R43
R13
R44
R34
R24
8V
0.1
µF
8V
–8V
VOUT1
VOUT2
VIN1
VIN2
1064 TA15
R41
R31
R21
RESISTOR VALUES:
R11 = 14.3k
R21 = 13k
R31 = 7.5k
R41 = 10k
R12 = 15.4k
R22 = 15.4k
R32 = 7.5k
R42 = 10k
R13 = 3.92k
R23 = 20k
R33 = 27.4k
R43 = 40k
R14 = 3.92k
R24 = 20k
R34 = 6.8k
R44 = 10k
WIDEBAND NOISE = 64
µVRMS
7MHz
CLOCK
R14
R11
R12
0.1
µF
Amplitude Response
Dual 4th Order Bessel Filter with 140kHz Cutoff Frequency
Amplitude Response
8th Order Linear Phase (Bessel) Filter with
fCLK
=
65
f–3dB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com