Electronic Components Datasheet Search
  English  ▼

X  

BPV22F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPV22F
Description  Silicon PIN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV22F Datasheet(HTML) 2 Page - Vishay Siliconix

  BPV22F Datasheet HTML 1Page - Vishay Siliconix BPV22F Datasheet HTML 2Page - Vishay Siliconix BPV22F Datasheet HTML 3Page - Vishay Siliconix BPV22F Datasheet HTML 4Page - Vishay Siliconix BPV22F Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BPV22F
Vishay Telefunken
2 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81508
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 50 mA
VF
1
1.3
V
Breakdown Voltage
IR = 100 mA, E = 0
V(BR)
60
V
Reverse Dark Current
VR = 10 V, E = 0
Iro
2
30
nA
Diode Capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
70
pF
Serial Resistance
VR = 12 V, f = 1 MHz
RS
400
W
Open Circuit Voltage
Ee = 1 mW/cm2, l = 950 nm
Vo
370
mV
Temp. Coefficient of Vo
Ee = 1 mW/cm2, l = 950 nm
TKVo
–2.6
mV/K
Short Circuit Current
Ee = 1 mW/cm2, l = 950 nm
Ik
75
mA
Reverse Light Current
Ee = 1 mW/cm2,
l = 950 nm, VR = 5 V
Ira
55
80
mA
Temp. Coefficient of Ira
Ee = 1 mW/cm2,
l = 950 nm, VR = 10 V
TKIra
0.1
%/K
Absolute Spectral Sensitivity
VR = 5 V, l = 870 nm
s(
l)
0.35
A/W
y
VR = 5 V, l = 950 nm
s(
l)
0.6
A/W
Angle of Half Sensitivity
ϕ
±60
deg
Wavelength of Peak Sensitivity
lp
950
nm
Range of Spectral Bandwidth
l0.5
870...1050
nm
Quantum Efficiency
l = 950 nm
h
90
%
Noise Equivalent Power
VR = 10 V, l = 950 nm
NEP
4 x 10–14
W/
√ Hz
Detectivity
VR = 10 V, l = 950 nm
D*
6x1012
cm
√Hz/
W
Rise Time
VR = 10 V, RL = 1k W,
l = 820 nm
tr
100
ns
Fall Time
VR = 10 V, RL = 1k W,
l = 820 nm
tf
100
ns
Cut–Off Frequency
VR = 12 V, RL = 1k W,
l = 870 nm
fc
4
MHz
VR = 12 V, RL = 1k W,
l = 950 nm
fc
1
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com