Electronic Components Datasheet Search
  English  ▼

X  

BPW97 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPW97
Description  Silicon PIN Photodiode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW97 Datasheet(HTML) 2 Page - Vishay Siliconix

  BPW97 Datasheet HTML 1Page - Vishay Siliconix BPW97 Datasheet HTML 2Page - Vishay Siliconix BPW97 Datasheet HTML 3Page - Vishay Siliconix BPW97 Datasheet HTML 4Page - Vishay Siliconix BPW97 Datasheet HTML 5Page - Vishay Siliconix BPW97 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BPW97
Vishay Telefunken
2 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81533
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 50 mA
VF
0.9
1.2
V
Breakdown Voltage
IR = 100 mA, E = 0
V(BR)
60
V
Reverse Dark Current
VR = 50 V, E = 0
Iro
1
5
nA
Diode Capacitance
VR = 50 V, f = 1 MHz, E = 0
CD
1.7
pF
Dark Resistance
VR = 10m V, E = 0, f = 0
RD
5
G
W
Serial Resistance
VR = 50 V, f = 1 MHz
RS
180
W
Reverse Light Current
Ee = 1 mW/cm2,
l = 870 nm, VR = 50 V
Ira
1.0
1.3
mA
Ee = 1 mW/cm2,
l = 950 nm, VR = 50 V
Ira
0.9
mA
Temp. Coefficient of Ira
VR = 50 V, l = 870 nm
TKIra
0.2
%/K
Absolute Spectral Sensitivity
VR = 5 V, l = 870 nm
s(
l)
0.50
A/W
y
VR = 5 V, l = 950 nm
s(
l)
0.35
A/W
Angle of Half Sensitivity
ϕ
±55
deg
Wavelength of Peak Sensitivity
lp
810
nm
Range of Spectral Bandwidth
l0.5
560...960
nm
Quantum Efficiency
l = 850 nm
h
80
%
Noise Equivalent Power
VR = 50 V, l = 870 nm
NEP
3.6x10–14
W/
√ Hz
Detectivity
VR = 50 V, l = 870 nm
D*
1.4x1012
cm
√Hz/
W
Rise Time
VR = 3.8 V, RL = 50 W,
l = 780 nm
tr
1.2
ns
Fall Time
VR = 3.8 V, RL = 50 W,
l = 780 nm
tf
1.2
ns
Rise Time
VR = 50 V, RL = 50 W,
l = 820 nm
tr
0.6
ns
Fall Time
VR = 50 V, RL = 50 W,
l = 820 nm
tf
0.6
ns
Cut–Off Frequency
l = 820 nm
fc
1
GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com