Electronic Components Datasheet Search
  English  ▼

X  

A32100DX-FPGC Datasheet(PDF) 28 Page - Actel Corporation

Part # A32100DX-FPGC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-FPGC Datasheet(HTML) 28 Page - Actel Corporation

Back Button A32100DX-FPGC Datasheet HTML 24Page - Actel Corporation A32100DX-FPGC Datasheet HTML 25Page - Actel Corporation A32100DX-FPGC Datasheet HTML 26Page - Actel Corporation A32100DX-FPGC Datasheet HTML 27Page - Actel Corporation A32100DX-FPGC Datasheet HTML 28Page - Actel Corporation A32100DX-FPGC Datasheet HTML 29Page - Actel Corporation A32100DX-FPGC Datasheet HTML 30Page - Actel Corporation A32100DX-FPGC Datasheet HTML 31Page - Actel Corporation A32100DX-FPGC Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
28
Discontinued – v3.0
A122 5XL Timing Cha r ac teristics
( Worst- C a se C omme rc ia l C ond iti on s, V CC = 4.75 V, TJ = 70°C)
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed
‘–F’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
Logic ModulePropagation Delays1
tPD1
Single Module
2.6
3.0
3.5
5.0
4.2
ns
tCO
Sequential Clk-to-Q
2.6
3.0
3.5
5.0
4.2
ns
tGO
Latch G-to-Q
2.6
3.0
3.5
5.0
4.2
ns
tRS
Flip-Flop (Latch) Reset-to-Q
2.6
3.0
3.5
5.0
4.2
ns
Predicted Routing Delays2
tRD1
FO=1 Routing Delay
0.8
0.9
1.1
1.57
1.3
ns
tRD2
FO=2 Routing Delay
1.3
1.4
1.7
2.43
2.0
ns
tRD3
FO=3 Routing Delay
1.7
1.8
2.2
3.15
2.6
ns
tRD4
FO=4 Routing Delay
2.0
2.3
2.7
3.86
3.2
ns
tRD8
FO=8 Routing Delay
3.2
3.5
4.2
6.00
5.0
ns
Sequential Timing Characteristics3,4
tSUD
Flip-Flop (Latch) Data Input Set-Up
0.4
0.4
0.5
0.7
0.6
ns
tHD
Flip-Flop (Latch) Data Input Hold
0.0
0.0
0.0
0.0
0.0
ns
tSUENA
Flip-Flop (Latch) Enable Set-Up
0.8
0.9
1.0
1.4
1.2
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
0.0
0.0
0.0
ns
tWCLKA
Flip-Flop (Latch) Clock Active Pulse Width
3.2
3.6
4.3
6.1
5.2
ns
tWASYN
Flip-Flop (Latch) Asynchronous Pulse Width
3.2
3.6
4.3
6.1
5.2
ns
tA
Flip-Flop Clock Input Period
6.5
7.4
8.7
12.4
10.4
ns
tINH
Input Buffer Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input Buffer Latch Set-Up
0.3
0.4
0.4
0.6
0.5
ns
tOUTH
Output Buffer Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tOUTSU
Output Buffer Latch Set-Up
0.3
0.4
0.4
0.6
0.5
ns
fMAX
Flip-Flop (Latch) Clock
Frequency
225
200
170
120
115
MHz
Notes:
1.
For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn or tPD1 + tRD1 + tSUD, whichever is appropriate.
2.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual performance.
3.
Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules can be obtained from
the DirectTime Analyzer utility.
4.
Set-up and hold timing parameters for the input buffer latch are defined with respect to the PAD and the D input. External set-up/hold timing
parameters must account for delay from an external PAD signal to the G inputs. Delay from an external PAD signal to the G input subtracts
(adds) to the internal set-up (hold) time.
5.
VCC = 3.0V for 3.3V specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com