Electronic Components Datasheet Search
  English  ▼

X  

BU307F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU307F
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU307F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU307F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU307F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU306F/307F
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BU306F
300
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BU307F
IC= 0.1A ;IB= 0; L=25mH
B
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 2A; IB= 0.4A
B
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
IC= 5A; IB= 1A; T
B
J= 100℃
1.5
2.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 8A; IB= 2A
B
3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 2A; IB= 0.4A
B
1.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 5A; IB= 1A
B
IC= 5A; IB= 1A; T
B
J= 100℃
1.6
1.5
V
ICES
Collector Cutoff Current
VCE= VCESmax;VBE= -1.5V
VCE= VCESmax;VBE= -1.5V;TJ= 100℃
1
5
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC=0
1
mA
hFE-1
DC Current Gain
IC= 0.5A ; VCE= 5V
15
50
hFE-2
DC Current Gain
IC= 2A ; VCE= 5V
8
40
hFE-3
DC Current Gain
IC= 5A ; VCE= 5V
6
30
COB
Output Capacitance
IE= 0 ; VCB= 10V
80
pF
fT
Current-Gain—Bandwidth Product
IC= 0.5A ; VCE= 10V, ftest= 1.0MHz
4
MHz
Switching Times ; Resistive Load
td
Delay Time
0.1
μs
tr
Rise Time
1.0
μs
ts
Storage Time
3.0
μs
tf
Fall Time
IC= 5A; IB1= -IB2= 1A;
VCC= 125V; tp= 25μs
0.7
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com