Electronic Components Datasheet Search
  English  ▼

X  

BYG22D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYG22D
Description  Super Fast Silicon Mesa SMD Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG22D Datasheet(HTML) 2 Page - Vishay Siliconix

  BYG22D Datasheet HTML 1Page - Vishay Siliconix BYG22D Datasheet HTML 2Page - Vishay Siliconix BYG22D Datasheet HTML 3Page - Vishay Siliconix BYG22D Datasheet HTML 4Page - Vishay Siliconix BYG22D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYG22
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
2 (5)
Document Number 86011
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1
V
g
IF=2A
VF
1.1
V
Reverse current
VR=VRRM
IR
1
mA
VR=VRRM, Tj=100°C
IR
10
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
25
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.01
0.1
1
10
100
Tj – Junction Temperature ( °C )
200
94 9347
VR =VRRM
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9351
40
80
120
160
200
RthJA=25K/W
100K/W
125K/W
150K/W
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
3.0
94 9352
Tj = 125°C
25
°C
75
°C
Figure 3. Max. Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
0
20
40
60
80
140
IF – Forward Current ( A )
1.0
94 9353
100
120
Tamb= 125°C
IR=0.5A, iR=0.125A
75
°C
50
°C
25
°C
100
°C
Figure 4. Max. Reverse Recovery Time vs.
Forward Current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com