Electronic Components Datasheet Search
  English  ▼

X  

BYT12P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT12P
Description  Fast Recovery Silicon Power Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT12P Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT12P Datasheet HTML 1Page - Vishay Siliconix BYT12P Datasheet HTML 2Page - Vishay Siliconix BYT12P Datasheet HTML 3Page - Vishay Siliconix BYT12P Datasheet HTML 4Page - Vishay Siliconix BYT12P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYT12P/1000A
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (5)
Document Number 86021
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=12A
VF
1.9
V
g
IF=12A, Tj=100°C
VF
1.8
V
Reverse current
VR=VRRM
IR
50
mA
VR=VRRM, Tj=100°C
IR
2.5
mA
Forward recovery time
IF=12A, diF/dtx50A/ms
tfr
350
ns
Turn on transient peak
voltage
F
,
F
m
VFP
4.5
V
Reverse recovery
IF=12A, diF/dtx–50A/ms,
IRM
7.8
A
y
characteristics
F
,
F
m ,
VBatt=200V, Tj=100°C
tIRM
200
ns
Reverse recovery time
IF=12A, diF/dtx–50A/ms,
VBatt=200V, Tj=100°C,
iR=0.25xIRM
trr
220
ns
IF=0.5A, IR=1A, iR=0.25A
trr
65
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
94 9398
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
4
8
12
16
Tamb – Ambient Temperature ( °C )
94 9397
40
80
120
160
200
5K/W
RthJA=2K/W
10K/W
85K/W
Figure 2. Max. Average Forward Current vs.
Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com