Electronic Components Datasheet Search
  English  ▼

X  

BYT86 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT86
Description  Fast Recovery Silicon Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT86 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT86 Datasheet HTML 1Page - Vishay Siliconix BYT86 Datasheet HTML 2Page - Vishay Siliconix BYT86 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYT86/1300
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (3)
Document Number 86037
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol Min
Typ
Max
Unit
Forward voltage
IF=5A
VF
1.8
V
g
IF=5A, Tj=100°C
VF
1.8
V
Reverse current
VR=VRRM
IR
10
mA
VR=VRRM, Tj=100°C
IR
0.2
mA
Forward recovery time
IF=5A, diF/dtx50A/ms
tfr
350
ns
Turn on transient peak voltage
F
,
F
m
VFP
7
V
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
150
ns
Dimensions in mm
14276



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com