Electronic Components Datasheet Search
  English  ▼

X  

BYT52D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT52D
Description  Fast Silicon Mesa Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT52D Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT52D Datasheet HTML 1Page - Vishay Siliconix BYT52D Datasheet HTML 2Page - Vishay Siliconix BYT52D Datasheet HTML 3Page - Vishay Siliconix BYT52D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYT52.
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86029
Characteristics (Tj = 25_C unless otherwise specified)
0
0
20
40
60
80
120
l – Lead Length ( mm )
94 9552
510
15
25
30
20
100
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
40
80
120
160
0
0.2
0.4
0.6
0.8
1.2
Tamb – Ambient Temperature ( °C )
200
94 9447
1.0
VR =VRRM
f
v1kHz
RthJAv100K/W
PC Board
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9446
40
80
120
160
200
VR =VRRM
f
v1kHz
RthJA=45K/W
l=10mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
94 9448
Scattering Limit
VR =VRRM
Figure 4. Reverse Current vs. Junction Temperature
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
3.0
94 9449
VF – Forward Voltage ( V )
Scattering Limit
Tj =25°C
Figure 5. Forward Current vs. Forward Voltage
0
4
8
12
16
20
0.1
1
10
VR – Reverse Voltage ( V )
100
94 9451
Tj =25°C
Figure 6. Typ. Diode Capacitance vs. Reverse Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com