Electronic Components Datasheet Search
  English  ▼

X  

BYT87 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT87
Description  Ultra Fast Recovery Silicon Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT87 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT87 Datasheet HTML 1Page - Vishay Siliconix BYT87 Datasheet HTML 2Page - Vishay Siliconix BYT87 Datasheet HTML 3Page - Vishay Siliconix BYT87 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYT87
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86038
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=15A
VF
1.8
V
g
IF=15A, Tj=100°C
VF
1.8
V
Reverse current
VR=VRRM
IR
10
mA
VR=VRRM, Tj=100°C
IR
0.4
mA
Forward recovery time
IF=15A, diF/dtx50A/ms
tfr
350
ns
Turn on transient peak voltage
F
,
F
m
VFP
7
V
Reverse recovery
IF=15A, diF/dt=–100A/ms,
IRM
10.5
A
y
characteristics
F
F
m
VBatt=200V
tIRM
110
ns
Reverse recovery time
IF=15A, diF/dt=–100A/ms,
VBatt=200V
trr
150
ns
IF=0.5A, IR=1A, iR=0.25A
trr
80
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
94 9487
VR =VRRM
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
4
8
12
16
Tamb – Ambient Temperature ( °C )
94 9488
40
80
120
160
200
RthJA=10K/W
RthJA=5K/W
RthJA=85K/W
RthJC=1.6K/W
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
3.0
94 9489
TCase=25°C
Figure 3. Typ. Forward Current vs. Forward Voltage
0
50
100
150
0
30
60
90
120
150
200
94 9490
–dIF/dt – Forward Current Rate of Change ( A/ms )
IF = 15A
TC=25°C
VBatt=200V
Figure 4. Reverse Recovery Time for IRM vs.
Forward Current Rate of Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com