Electronic Components Datasheet Search
  English  ▼

X  

BYV98 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV98
Description  Very Fast Soft-Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV98 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV98 Datasheet HTML 1Page - Vishay Siliconix BYV98 Datasheet HTML 2Page - Vishay Siliconix BYV98 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BYV98
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (3)
Document Number 86046
Characteristics (Tj = 25_C unless otherwise specified)
0
20
40
60
80
100
120
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
15784
VR = VRRM
150K/W
70K/W
25K/W
RthJA=
BYV98–200
BYV98–100
BYV98–150
BYV98–50
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
15785
VR = VRRM
Figure 2. Max. Reverse Current vs.
Junction Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
15783
VR =VRRM
half sinewave
RthJA=70K/W
PCB: d=25mm
RthJA=25K/W
l=10mm
Figure 3. Max. Average Forward Current vs.
Ambient Temperature
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
VF – Forward Voltage ( V )
15782
Tj =25°C
Tj = 175°C
0.01
0.1
1
10
100
Figure 4. Max. Forward Current vs. Forward Voltage
Dimensions in mm
Cathode Identification
∅ 4.3 max.
∅ 1.35 max.
4.2 max.
Sintered Glass Case
SOD 64
Weight max. 1.0 g
technical drawings
according to DIN
specifications
94 9587
26 min.
26 min.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com